전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2985IM5-3.1/NOPB 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 LP2985IM5-3.1/NOPB
상세설명  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-3.1/NOPB 데이터시트(HTML) 21 Page - Texas Instruments

Back Button LP2985IM5-3.1/NOPB Datasheet HTML 17Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 18Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 19Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 20Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 21Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 22Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 23Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 24Page - Texas Instruments LP2985IM5-3.1/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 7
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP2985IM5X-3.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L0OB
LP2985IM5X-3.1
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0PB
LP2985IM5X-3.1/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L0PB
LP2985IM5X-3.3
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0RB
LP2985IM5X-3.3/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
L0RB
LP2985IM5X-3.6
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0SB
LP2985IM5X-3.6/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L0SB
LP2985IM5X-3.8
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0YB
LP2985IM5X-3.8/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L0YB
LP2985IM5X-4.0
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0TB
LP2985IM5X-4.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L0TB
LP2985IM5X-4.5
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
LA7B
LP2985IM5X-4.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LA7B
LP2985IM5X-5.0
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0UB
LP2985IM5X-5.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
L0UB
LP2985IM5X-5.7/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LKTB
LP2985IM5X-6.1
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
LF6B
LP2985IM5X-6.1/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LF6B
LP2985ITL-3.3/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36