| 전자부품 데이터시트 검색엔진 |
|
STM32F100RCT7BTR 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100RCT7BTR 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 98 page ![]() Electrical characteristics STM32F100xC, STM32F100xD, STM32F100xE 64/98 Doc ID 15081 Rev 7 Figure 21. Synchronous non-multiplexed NOR/PSRAM read timings Table 36. Synchronous non-multiplexed NOR/PSRAM read timings(1)(2) 1. CL = 15 pF. 2. Preliminary values. Symbol Parameter Min Max Unit tw(CLK) FSMC_CLK period 27.7 ns td(CLKL-NExL) FSMC_CLK low to FSMC_NEx low (x = 0...2) 1.5 ns td(CLKL-NExH) FSMC_CLK low to FSMC_NEx high (x = 0...2) 2 ns td(CLKL-NADVL) FSMC_CLK low to FSMC_NADV low 4 ns td(CLKL-NADVH) FSMC_CLK low to FSMC_NADV high 5 ns td(CLKL-AV) FSMC_CLK low to FSMC_Ax valid (x = 0...25) 0 ns td(CLKL-AIV) FSMC_CLK low to FSMC_Ax invalid (x = 0...25) 4 ns td(CLKH-NOEL) FSMC_CLK high to FSMC_NOE low 1.5 ns td(CLKL-NOEH) FSMC_CLK low to FSMC_NOE high 1.5 ns tsu(DV-CLKH) FSMC_D[15:0] valid data before FSMC_CLK high 6.5 ns th(CLKH-DV) FSMC_D[15:0] valid data after FSMC_CLK high 7 ns tsu(NWAITV-CLKH) FSMC_NWAIT valid before FSMC_SMCLK high 7 ns th(CLKH-NWAITV) FSMC_NWAIT valid after FSMC_CLK high 2 ns )60&B&/. )60&B1([ )60&B$>@ )60&B12( )60&B'>@ ' ' )60&B1:$,7 :$,7&)* E:$,732/ E )60&B1:$,7 :$,7&)* E:$,732/ E WZ&/. WZ&/. 'DWDODWHQF\ %867851 WG&/./1([/ WG&/./1([+ WG&/./$9 WG&/./$,9 WG&/.+12(/ WG&/./12(+ WVX'9&/.+ WK&/.+'9 WVX'9&/.+ WK&/.+'9 WVX1:$,79&/.+ WK&/.+1:$,79 WVX1:$,79&/.+ W K&/.+1:$,79 WVX1:$,79&/.+ WK&/.+1:$,79 DLK )60&B1$'9 WG&/./1$'9/ WG&/./1$'9+ ' |