전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F100VCT7BTR 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STM32F100VCT7BTR
상세설명  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VCT7BTR 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STM32F100VCT7BTR Datasheet HTML 29Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 30Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 31Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 32Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 33Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 34Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 35Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 36Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Doc ID 15081 Rev 7
33/98
Figure 6.
Memory map
APB memory space
DMA1
RTC
WWDG
IWDG
SPI2
USART2
USART3
ADC1
USART1
SPI1
EXTI
RCC
0
1
2
3
4
5
6
7
Peripherals
SRAM
reserved
reserved
Option Bytes
Reserved
0x4000 0000
0x4000 0400
0x4000 0800
0x4000 0C00
0x4000 2800
0x4000 2C00
0x4000 3000
0x4000 3400
0x4000 3800
0x4000 3C00
0x4000 4400
0x4000 4800
0x4000 4C00
0x4000 5400
0x4000 5800
0x4000 6C00
0x4000 7000
0x4000 7400
0x4001 0000
0x4001 0400
0x4001 0800
0x4001 0C00
0x4001 1000
0x4001 1400
0x4001 1800
0x4001 2400
0x4001 2800
0x4001 2C00
0x4001 3000
0x4001 3400
0x4001 3800
0x4001 3C00
0x4002 0000
0x4002 0400
0x4002 1000
0x4002 1400
0x4002 2000
0x4002 2400
0x4002 3000
0x4002 3400
0xFFFF FFFF
reserved
CRC
reserved
reserved
Flash interface
DMA2
reserved
reserved
TIM1
reserved
Port F
DAC
Port D
Port C
Port B
Port A
AFIO
PWR
BKP
I2C2
I2C1
reserved
TIM4
TIM3
TIM2
0xFFFF FFFF
0xE010 0000
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0x1FFF FFFF
0x1FFF F80F
0x1FFF F800
0x1FFF F000
0x0801 FFFF
0x0800 0000
System memory
Flash memory
Cortex-M3 internal
peripherals
ai18400
0x0000 0000
Aliased to Flash or
system memory
depending on
BOOT pins
UART4
Port E
0x4001 1C00
0x4001 4C00
0x4001 4800
0x4001 4400
0x4001 4000
reserved
TIM17
TIM16
TIM15
0x4000 7C00
0x4000 7800
CEC
reserved
reserved
0x4000 5C00
TIM6
TIM7
TIM12
0x4000 1000
0x4000 1400
0x4000 1800
Port G
0x4001 2000
0x4000 5000
UART5
SPI3
TIM13
TIM14
0x4000 1C00
0x4000 2000
FSMC
external
memory
0x7000 0000
FSMC regs
TIM5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98