전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431AIL3T 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 TL431AIL3T
상세설명  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AIL3T 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button TL431AIL3T Datasheet HTML 9Page - STMicroelectronics TL431AIL3T Datasheet HTML 10Page - STMicroelectronics TL431AIL3T Datasheet HTML 11Page - STMicroelectronics TL431AIL3T Datasheet HTML 12Page - STMicroelectronics TL431AIL3T Datasheet HTML 13Page - STMicroelectronics TL431AIL3T Datasheet HTML 14Page - STMicroelectronics TL431AIL3T Datasheet HTML 15Page - STMicroelectronics TL431AIL3T Datasheet HTML 16Page - STMicroelectronics TL431AIL3T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TL431, TL432
Package mechanical data
Doc ID 4467 Rev 11
13/21
4.2
TO-92 ammopack and tape and reel package information
Figure 25.
TO-92 ammopack and tape and reel package mechanical drawing
Table 7.
TO-92 ammopack and tape and reel package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
5.0
0.197
A5.0
0.197
T4.0
0.157
d
0.45
0.018
I1
2.5
0.098
P
11.7
12.7
13.7
0.461
0.500
0.539
PO
12.4
12.7
13
0.488
0.500
0.512
P2
5.95
6.35
6.75
0.234
0.250
0.266
F1/F2
2.4
2.5
2.8
0.094
0.098
0.110
Δh
-1
0
1
-0.039
0
0.039
ΔP
-1
0
1
-0.039
0
0.039
W
17.5
18.0
19.0
0.689
0.709
0.748
W0
5.7
6
6.3
0.224
0.236
0.248
W1
8.5
9
9.75
0.335
0.354
0.384
W2
0.5
0.020
H20
0.787
H0
15.5
16
16.5
0.610
0.630
0.650
H1
25
0.984
DO
3.8
4.0
4.2
0.150
0.157
0.165
L1
11
0.433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21