| 전자부품 데이터시트 검색엔진 |
|
ADP124ARHZ-2.5-R7 데이터시트(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP124ARHZ-2.5-R7 데이터시트(HTML) 12 Page - Analog Devices |
|
12 / 20 page ![]() ADP124/ADP125 Data Sheet Rev. C | Page 12 of 20 APPLICATIONS INFORMATION CAPACITOR SELECTION Output Capacitor The ADP124/ADP125 are designed for operation with small, space-saving ceramic capacitors, but these devices can function with most commonly used capacitors as long as care is taken to ensure an appropriate effective series resistance (ESR) value. The ESR of the output capacitor affects the stability of the LDO control loop. A minimum of 0.70 µF capacitance with an ESR of 1 Ω or less is recommended to ensure stability of the ADP124/ADP125. The transient response to changes in load current is also affected by the output capacitance. Using a larger value of output capacitance improves the transient response of the ADP124/ADP125 to dynamic changes in load current. Figure 30 and Figure 31 show the transient responses for output capacitance values of 1 µF and 4.7 µF, respectively. M400ns A CH1 200mA 1 2 T 13.20% VIN = 4V VOUT = 3.3V VOUT IOUT 1mA TO 500mA LOAD STEP CH1 500mA Ω B W CH2 50.0mV B W Figure 30. Output Transient Response, COUT = 1 µF M400ns A CH1 200mA 1 2 T 13.60% VIN = 4V VOUT = 3.3V VOUT IOUT 1mA TO 500mA LOAD STEP CH1 500mA Ω B W CH2 50.0mV B W Figure 31. Output Transient Response, COUT = 4.7 µF Input Bypass Capacitor Connecting a 1 µF capacitor from VIN to GND reduces the circuit sensitivity to the printed circuit board (PCB) layout, especially when a long input trace or high source impedance is encountered. If greater than 1 µF of output capacitance is required, the input capacitor should be increased to match it. Input and Output Capacitor Properties Any good quality ceramic capacitors can be used with the ADP124/ADP125, as long as the capacitor meets the minimum capacitance and maximum ESR requirements. Ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior over temperature and applied voltage. Capacitors must have an adequate dielectric to ensure the minimum capacitance over the necessary temperature range and dc bias conditions. Using an X5R or X7R dielectric with a voltage rating of 6.3 V or 10 V is recommended. However, using Y5V and Z5U dielectrics are not recommended for any LDO, due to their poor temperature and dc bias characteristics. Figure 32 depicts the capacitance vs. capacitor voltage bias charac- teristics of an 0402, 1 µF, 10 V X5R capacitor. The voltage stability of a capacitor is strongly influenced by the capacitor size and the voltage rating. In general, a capacitor in a larger package or of a higher voltage rating exhibits better stability. The temperature variation of the X5R dielectric is about ±15% over the −40°C to +85°C temperature range and is not a function of package or voltage rating. 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 0 1 2 3 4 5 6 7 BIAS VOLTAGE (V) Figure 32. Capacitance vs. Capacitor Voltage Bias Characteristics Equation 1 can be used to determine the worst-case capacitance, accounting for capacitor variation over temperature, component tolerance, and voltage. CEFF = C × (1 − TEMPCO) × (1 − TOL) (1) where: CEFF is the effective capacitance at the operating voltage. C is the rated capacitance value. TEMPCO is the worst-case capacitor temperature coefficient. TOL is the worst-case component tolerance. |