| 전자부품 데이터시트 검색엔진 |
|
ADP150AUJZ-3.3-R7 데이터시트(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP150AUJZ-3.3-R7 데이터시트(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() ADP150 Data Sheet Rev. B | Page 4 of 20 Parameter Symbol Conditions Min Typ Max Unit POWER SUPPLY REJECTION RATIO (VIN = VOUT + 0.5 V) PSRR 10 kHz, VIN = 3.8 V, VOUT = 3.3 V, IOUT = 10 mA 70 dB 10 kHz, VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA 70 dB 100 kHz, VIN = 3.8 V, VOUT = 3.3 V, IOUT = 10 mA 55 dB 100 kHz, VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA 55 dB POWER SUPPLY REJECTION RATIO (VIN = VOUT + 1 V) 10 kHz, VIN = 4.3 V, VOUT = 3.3 V, IOUT = 10 mA 70 dB 100 kHz, VIN = 4.3 V, VOUT = 3.3 V, IOUT = 10 mA 55 dB 1 Based on an end-point calculation using 1 mA and 150 mA loads. See Figure 6 for typical load regulation performance for loads less than 1 mA. 2 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output voltages above 2.2 V. 3 Start-up time is defined as the time between the rising edges of EN to VOUT being at 90% of its nominal value. 4 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V. RECOMMENDED SPECIFICATIONS: INPUT AND OUTPUT CAPACITOR Table 2. Parameter Symbol Conditions Min Typ Max Unit INPUT AND OUTPUT CAPACITOR Minimum Input and Output Capacitance1 CMIN TA = −40°C to +125°C 0.7 µF Capacitor ESR RESR TA = −40°C to +125°C 0.001 0.2 Ω 1 The minimum input and output capacitance should be greater than 0.7 µF over the full range of operating conditions. The full range of operating conditions in the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R-type and X5R-type capacitors are recommended, and Y5V and Z5U capacitors are not recommended for use with any LDO. |