전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBLC01QTR 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 STBLC01QTR
상세설명  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 30Page - STMicroelectronics STBLC01QTR Datasheet HTML 31Page - STMicroelectronics STBLC01QTR Datasheet HTML 32Page - STMicroelectronics STBLC01QTR Datasheet HTML 33Page - STMicroelectronics STBLC01QTR Datasheet HTML 34Page - STMicroelectronics STBLC01QTR Datasheet HTML 35Page - STMicroelectronics STBLC01QTR Datasheet HTML 36Page - STMicroelectronics STBLC01QTR Datasheet HTML 37Page - STMicroelectronics STBLC01QTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Vendor HCI commands
STLBC01
34/40
DocID022984 Rev 2
9.6.2
Return parameters for STBLC_SET_UART_BAUD_RATE
9.6.3
Returned events for STBLC_SET_UART_BAUD_RATE
Command complete event.
The STBLC01 changes the baud rate after sending the command complete event. This
command is used only if no other event is in the controller HCI buffer. For this reason it is
strongly recommended to use this command only after power-up or reset.
Table 28. Return parameters for STBLC_SET_UART_BAUD_RATE
Parameter
Size
Description
Status
1
Standard BT error codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40