전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4351 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADF4351
상세설명  Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4351 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 5Page - Analog Devices ADF4351 Datasheet HTML 6Page - Analog Devices ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices ADF4351 Datasheet HTML 9Page - Analog Devices ADF4351 Datasheet HTML 10Page - Analog Devices ADF4351 Datasheet HTML 11Page - Analog Devices ADF4351 Datasheet HTML 12Page - Analog Devices ADF4351 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Evaluation Board User Guide
UG-435
Rev. 0 | Page 9 of 20
EVALUATION BOARD SOFTWARE
The control software for the EVAL-ADF4351EB1Z accompanies
the EVAL-ADF4351EB1Z on a CD. To install the software, see
the Software Installation section.
To run the software, click the ADI ADF435x file on the desktop
or in the Start menu.
On the Select Device and Connection tab, choose your device,
your connection method, and click Connect.
Confirm that SDP board connected, ADF4xxx USB Adapter
Board connected, or Analog Devices RFG.L Eval Board
connected is displayed at the bottom left of the window.
Otherwise, the software has no connection to the evaluation
board.
Note that, when connecting the board, it takes about 5 sec to
10 sec for the status label to change.
Under the File menu, the current settings can be saved to and
loaded from, a text file.
Figure 18. Software Front Panel Display—Select Device and Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20