전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ12MC201TESS 데이터시트(PDF) 271 Page - Microchip Technology

부품명 DSPIC33FJ12MC201TESS
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS 데이터시트(HTML) 271 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 267Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 268Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 269Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 270Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 271Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 272Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 273Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 274Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 271
dsPIC33FJ12MC201/202
25.0
PACKAGING INFORMATION
25.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
If the full Microchip part number cannot be marked on one line, it is carried over to the next
line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
20-Lead PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ12MC
0730235
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ12
MC201-ISS
0730235
28-Lead SPDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ12MC
0730235
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ12MC
0730235
201-E/P
202-E/SP
202-E/SO
3
e
3
e
3
e
3
e
20-Lead SOIC
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ12
MC201-ISO
0610017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More