전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ12MC201TESS 데이터시트(PDF) 88 Page - Microchip Technology

부품명 DSPIC33FJ12MC201TESS
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS 데이터시트(HTML) 88 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 84Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 85Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 86Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 87Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 88Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 89Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 90Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 91Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 88
© 2007-2011 Microchip Technology Inc.
REGISTER 7-11:
IEC3: INTERRUPT ENABLE CONTROL REGISTER 3
R/W-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
U-0
FLTA1IE
—
—
—
—
QEIIE
PWM1IE
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
FLTA1IE:
PWM1 Fault A Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 14-11
Unimplemented:
Read as ‘0’
bit 10
QEIIE:
QEI Event Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 9
PWM1IE:
PWM1 Error Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 8-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More