| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ12MC201TESS 데이터시트(PDF) 290 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC201TESS 데이터시트(HTML) 290 Page - Microchip Technology |
|
290 / 304 page ![]() dsPIC33FJ12MC201/202 DS70265E-page 290 © 2007-2011 Microchip Technology Inc. Section 17.0 “Inter-Integrated Circuit™ (I2C™)” Removed the following sections, which are now available in the related section of the dsPIC33F Family Reference Manual: • 17.3 “I2C Interrupts” • 17.4 “Baud Rate Generator” (retained Figure 17-1: I2C Block Diagram) • 17.5 “I2C Module Addresses • 17.6 “Slave Address Masking” • 17.7 “IPMI Support” • 17.8 “General Call Address Support” • 17.9 “Automatic Clock Stretch” • 17.10 “Software Controlled Clock Stretching (STREN = 1)” • 17.11 “Slope Control” • 17.12 “Clock Arbitration” • 17.13 “Multi-Master Communication, Bus Collision, and Bus Arbitration • 17.14 “Peripheral Pin Select Limitations Section 18.0 “Universal Asynchronous Receiver Transmitter (UART)” Removed the following sections, which are now available in the related section of the dsPIC33F Family Reference Manual: • 18.1 “UART Baud Rate Generator” • 18.2 “Transmitting in 8-bit Data Mode • 18.3 “Transmitting in 9-bit Data Mode • 18.4 “Break and Sync Transmit Sequence” • 18.5 “Receiving in 8-bit or 9-bit Data Mode” • 18.6 “Flow Control Using UxCTS and UxRTS Pins” • 18.7 “Infrared Support” Removed IrDA references and Note 1, and updated the bit and bit value descriptions for UTXINV (UxSTA<14>) in the UARTx Status and Control Register (see Register 18-2). TABLE 25-1: MAJOR SECTION UPDATES Section Name Update Description |