| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ12MC202TESS 데이터시트(PDF) 271 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS 데이터시트(HTML) 271 Page - Microchip Technology |
|
271 / 304 page ![]() © 2007-2011 Microchip Technology Inc. DS70265E-page 271 dsPIC33FJ12MC201/202 25.0 PACKAGING INFORMATION 25.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: If the full Microchip part number cannot be marked on one line, it is carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 20-Lead PDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ12MC 0730235 20-Lead SSOP XXXXXXXXXXX XXXXXXXXXXX YYWWNNN Example dsPIC33FJ12 MC201-ISS 0730235 28-Lead SPDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ12MC 0730235 28-Lead SOIC XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ12MC 0730235 201-E/P 202-E/SP 202-E/SO 3 e 3 e 3 e 3 e 20-Lead SOIC XXXXXXXXXXXXXX XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ12 MC201-ISO 0610017 3 e |