전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ12MC202TESS 데이터시트(PDF) 272 Page - Microchip Technology

부품명 DSPIC33FJ12MC202TESS
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS 데이터시트(HTML) 272 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 268Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 269Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 270Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 271Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 272Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 273Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 274Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 275Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 272
© 2007-2011 Microchip Technology Inc.
25.1
Package Marking Information (Continued)
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
If the full Microchip part number cannot be marked on one line, it is carried over to the next
line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
33FJJ12MC
202EML
0730235
3
e
28-Lead SSOP
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
33FJ12MC
202-E/SS
0730235
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More