| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ32MC302HML 데이터시트(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32MC302HML 데이터시트(HTML) 2 Page - Microchip Technology |
|
2 / 460 page ![]() dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04 DS70291G-page 2 © 2007-2012 Microchip Technology Inc. dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04 PRODUCT FAMILIES The device names, pin counts, memory sizes, and peripheral availability of each device are listed in Table 1. The pages that follow show their pinout diagrams. TABLE 1: dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04 CONTROLLER FAMILIES Device Remappable Peripheral dsPIC33FJ128MC804 44 128 16 26 5 4 4 6, 2 2 2 2 1 3 11 1 9 1 1/1 11 35 QFN TQFP dsPIC33FJ128MC802 28 128 16 16 5 4 4 6, 2 2 2 2 1 3 1 1 1 6 0 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ128MC204 44 128 8 26 5 4 4 6, 2 2 2 2 0 3 1 1 1 9 0 1/1 11 35 QFN TQFP dsPIC33FJ128MC202 28 128 8 16 5 4 4 6, 2 2 2 2 0 3 1 1 1 6 0 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ64MC804 44 64 16 26 5 4 4 6, 2 2 2 2 1 3 1 1 1 9 1 1/1 11 35 QFN TQFP dsPIC33FJ64MC802 28 64 16 16 5 4 4 6, 2 2 2 2 1 3 1 1 1 6 0 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ64MC204 44 64 8 26 5 4 4 6, 2 2 2 2 0 3 1 1 1 9 0 1/1 11 35 QFN TQFP dsPIC33FJ64MC202 28 64 8 16 5 4 4 6, 2 2 2 2 0 3 1 1 1 6 0 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ32MC304 44 32 4 26 5 4 4 6, 2 2 2 2 0 3 1 1 1 9 0 1/1 11 35 QFN TQFP dsPIC33FJ32MC302 28 32 4 16 5 4 4 6, 2 2 2 2 0 3 1 1 1 6 0 1/0 2 21 SPDIP SOIC QFN-S Note 1: RAM size is inclusive of 2 Kbytes of DMA RAM for all devices except dsPIC33FJ32MC302/304, which include 1 Kbyte of DMA RAM. 2: Only four out of five timers are remappable. 3: Only PWM fault pins are remappable. 4: Only two out of three interrupts are remappable. |