전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ32MC302IPT 데이터시트(PDF) 39 Page - Microchip Technology

부품명 DSPIC33FJ32MC302IPT
상세설명  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC302IPT 데이터시트(HTML) 39 Page - Microchip Technology

Back Button DSPIC33FJ32MC302IPT Datasheet HTML 35Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 36Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 37Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 38Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 39Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 40Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 41Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 42Page - Microchip Technology DSPIC33FJ32MC302IPT Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 39
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
FIGURE 4-4:
DATA MEMORY MAP FOR dsPIC33FJ128MC202/204 AND dsPIC33FJ64MC202/
204 DEVICES WITH 8 KB RAM
0x0000
0x07FE
0x17FE
0xFFFE
LSb
Address
16 bits
LSb
MSb
MSb
Address
0x0001
0x07FF
0x17FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x27FF
0x27FE
0x0801
0x0800
0x1801
0x1800
2 Kbyte
SFR Space
8 Kbyte
SRAM Space
0x8001
0x8000
0x2800
0x2801
0x1FFE
0x2000
0x1FFF
0x2001
Space
Data
Near
8 Kbyte
SFR Space
X Data RAM (X)
X Data
Unimplemented (X)
DMA RAM
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More