| 전자부품 데이터시트 검색엔진 |
|
AD7788ARM 데이터시트(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7788ARM 데이터시트(HTML) 12 Page - Analog Devices |
|
12 / 20 page ![]() AD7788/AD7789 Rev. B | Page 12 of 20 Table 8. Register Selection RS1 RS0 Register Register Size 0 0 Communications register during a write operation 8-bit 0 0 Status register during a read operation 8-bit 0 1 Mode register 8-bit 1 0 Reserved 8-bit 1 1 Data register 16-bit (AD7788) 24-bit (AD7789) Table 9. Channel Selection CH1 CH0 Channel 0 0 AIN(+) − AIN(−) 0 1 Reserved 1 0 AIN(−) − AIN(−) 1 1 VDD monitor STATUS REGISTER (RS1, RS0 = 0, 0; Power-On/Reset = 0x88 for AD7788 and 0x8C for AD7789) The status register is an 8-bit, read only register. To access the ADC status register, the user must write to the communications register, select the next operation to be a read, and load Bit RS1 and Bit RS0 with 0. Table 10 outlines the bit designations for the status register. SR0 through SR7 indicate the bit locations, SR denoting the bits are in the status register. SR7 denotes the first bit of the data stream. The number(s) in brackets indicates the power-on/reset default status of that bit. MSB LSB SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0 RDY[1] ERR[0] 0[0] 0[0] 1[1] WL[1/0] CH1[0] CH0[0] Table 10. Status Register Bit Designations Bit Location Bit Name Description SR7 RDY Ready Bit for ADC. Cleared when data is written to the ADC data register. The RDY bit is set automatically after the ADC data register has been read or a period of time before the data register is updated with a new conversion result to tell the user not to read the conversion data. It is also set when the part is placed in power-down mode. The end of a conversion is indicated by the DOUT/RDY pin. This pin can be used as an alternative to the status register for monitoring the ADC for conversion data. SR6 ERR ADC Error Bit. This bit is written to at the same time as the RDY bit. Set to indicate that the result written to the ADC data register has been clamped to all 0s or all 1s. Error sources include overrange, under- range. Cleared by a write operation to start a conversion. SR5 0 This bit is cleared automatically. SR4 0 This bit is cleared automatically. SR3 1 This bit is set automatically. SR2 WL AD7788/AD7789 Identifier. This bit is cleared automatically if the device is an AD7788 and it is set automatically if the device is an AD7789. This bit is used to distinguish between the AD7788 and AD7789. SR1 to SR0 CH1 to CH0 These bits indicate which channel is being converted by the ADC. |