전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4441-103EST 데이터시트(PDF) 80 Page - Microchip Technology

부품명 MCP4441-103EST
상세설명  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4441-103EST 데이터시트(HTML) 80 Page - Microchip Technology

Back Button MCP4441-103EST Datasheet HTML 76Page - Microchip Technology MCP4441-103EST Datasheet HTML 77Page - Microchip Technology MCP4441-103EST Datasheet HTML 78Page - Microchip Technology MCP4441-103EST Datasheet HTML 79Page - Microchip Technology MCP4441-103EST Datasheet HTML 80Page - Microchip Technology MCP4441-103EST Datasheet HTML 81Page - Microchip Technology MCP4441-103EST Datasheet HTML 82Page - Microchip Technology MCP4441-103EST Datasheet HTML 83Page - Microchip Technology MCP4441-103EST Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
MCP444X/446X
DS22265A-page 80
© 2010 Microchip Technology Inc.
9.0
DEVELOPMENT SUPPORT
9.1
Development Tools
Several development tools are available to assist in
your design and evaluation of the MCP44XX devices.
The currently available tools are shown in Table 9-1.
These boards may be purchased directly from the
Microchip web site at www.microchip.com.
9.2
Technical Documentation
Several additional technical documents are available to
assist you in your design and development. These
technical documents include Application Notes,
Technical Briefs, and Design Guides. Table 9-2 shows
some of these documents.
TABLE 9-1:
DEVELOPMENT TOOLS
TABLE 9-2:
TECHNICAL DOCUMENTATION
Board Name
Part #
Supported Devices
20-pin TSSOP and SSOP Evaluation Board
TSSOP20EV
MCP44XX
MCP46XX Digital Potentiometer PICtail Plus Demo
Board (1, 2)
MCP46XXDM-PTPLS
MCP46XX
MCP46XX Digital Potentiometer Evaluation Board (2) MCP46XXEV
MCP46X1
Note 1:
Requires a PICDEM Demo board. See the User’s Guide for additional information and requirements.
2:
Requires a PICkit Serial Analyzer. See the User’s Guide for additional information and requirements.
Application
Note Number
Title
Literature #
AN1316
Using Digital Potentiometers for Programmable Amplifier Gain
DS01316
AN1080
Understanding Digital Potentiometers Resistor Variations
DS01080
AN737
Using Digital Potentiometers to Design Low-Pass Adjustable Filters
DS00737
AN692
Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect
DS00692
AN691
Optimizing the Digital Potentiometer in Precision Circuits
DS00691
AN219
Comparing Digital Potentiometers to Mechanical Potentiometers
DS00219
—
Digital Potentiometer Design Guide
DS22017
—
Signal Chain Design Guide
DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100