| 전자부품 데이터시트 검색엔진 |
|
33FJ128GP310 데이터시트(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
33FJ128GP310 데이터시트(HTML) 30 Page - Microchip Technology |
|
30 / 90 page ![]() dsPIC33F DS70155C-page 28 Preliminary © 2005 Microchip Technology Inc. 8.5 Input Capture Module The input capture module is useful in applications requiring frequency (period) and pulse measurement. The dsPIC33F devices support up to eight input capture channels. The input capture module captures the 16-bit value of the selected time base register when an event occurs at the ICx pin. The events that cause a capture event are listed below in three categories: 1. Simple Capture Event modes - Capture timer value on every falling edge of input at ICx pin - Capture timer value on every rising edge of input at ICx pin 2. Capture timer value on every edge (rising and falling) 3. Prescaler Capture Event modes - Capture timer value on every 4th rising edge of input at ICx pin - Capture timer value on every 16th rising edge of input at ICx pin Each input capture channel can select between one of two 16-bit timers (Timer2 or Timer3) for the time base. The selected timer can use either an internal or an external clock. Other operational features include: • Device wake-up from capture pin during CPU Sleep and Idle modes • Interrupt on input capture event • 4-word FIFO buffer for capture values - Interrupt optionally generated after 1, 2, 3 or 4 buffer locations are filled • Input capture can also be used to provide additional sources of external interrupts. Input capture channels IC1 and IC2 support DMA data transfers. 8.6 Output Compare/PWM Module The output compare module features are quite useful in applications that require controlled timing pulses or PWM modulated pulse streams. The output compare module has the ability to compare the value of a selected time base with the value of one or two compare registers (depending on the operation mode selected). Furthermore, it has the ability to generate a single output pulse, or a repetitive sequence of output pulses, on a compare match event. Like most dsPIC33F peripherals, it also has the ability to generate interrupts on compare match events. The dsPIC33F device may have up to eight output compare channels, designated OC1 through OC8. Refer to the specific device data sheet for the number of channels available in a particular device. All output compare channels are functionally identical. Each output compare channel can use one of two selectable time bases. The time base is selected using the OCTSEL bit (OCxCON<3>). An ‘x’ in the pin, register or bit name denotes the specific output compare channel. Refer to the device data sheet for the specific timers that can be used with each output compare channel number. Each output compare module has the following modes of operation: • Single Compare Match mode • Dual Compare Match mode generating - Single Output Pulse - Continuous Output Pulses • Simple Pulse-Width Modulation mode - With Fault Protection Input - Without Fault Protection Input Output compare channels, OC1 and OC2, support DMA data transfers. 8.7 Data Converter Interface Module The dsPIC33F Data Converter Interface (DCI) module allows simple interfacing to devices such as audio coder/decoders (codecs), A/D Converters and D/A Converters. The following interfaces are supported: • Framed Synchronous Serial Transfer (Single or Multi-Channel) • Inter-IC Sound (I2S) Interface • AC-Link (AC’97) Compliant mode Many codecs intended for use in audio applications support sampling rates between 8 kHz and 48 kHz and use one of the interface protocols listed above. The DCI automatically handles the interface timing associated with these codecs. No overhead from the CPU is required until the requested amount of data has been transmitted and/or received by the DCI. Up to four data words can be transferred between CPU interrupts. The data word length for the DCI is programmable up to 16 bits to match the data size of the dsPIC33F CPU. However, many codecs have data word sizes greater than 16 bits. Long data word lengths can be supported by the DCI. The DCI is configured to transmit/receive the long word in multiple 16-bit time slots. This operation is transparent to the user and the long data word is stored in consecutive register locations. |