전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJMC302HSO 데이터시트(PDF) 4 Page - Microchip Technology

부품명 DSPIC33FJMC302HSO
상세설명  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302HSO 데이터시트(HTML) 4 Page - Microchip Technology

  DSPIC33FJMC302HSO Datasheet HTML 1Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 2Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 3Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 4Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 5Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 6Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 7Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 8Page - Microchip Technology DSPIC33FJMC302HSO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 4
© 2007-2012 Microchip Technology Inc.
Pin Diagrams (Continued)
44-Pin QFN(2)
44
43
42
41
40
39
38
37
36
35
12
13
14
15
16
17
18
19
20
21
3
30
29
28
27
26
25
24
23
4
5
7
8
9
10
11
1
2
32
31
6
22
33
34
dsPIC33FJ32MC204
PWM1H2/RP12(1)/CN14/RB12
PGEC2/EMUC2/PWM1L3/RP11(1)/CN15/RB11
PGED2/EMUD2/PWM1H3/RP10(1)/CN16/RB10
VCAP
VSS
RP25/CN19/RC9
RP24/CN20/RC8
PWM2L1/RP23(1)/CN17/RC7
PWM2H1/RP22(1)/CN18/RC6
SDA1/RP9(1)/CN21/RB9
PWM1L2/RP13(1)/CN13/RB13
AN4/RP2(1)/CN6/RB2
AN5/RP3(1)/CN7/RB3
AN6/RP16(1)/CN8/RC0
AN7/RP17(1)/CN9/RC1
AN8/RP18(1)/CN10/RC2
SOSCI/RP4(1)/CN1/RB4
VDD
VSS
OSC1/CLKI/CN30/RA2
OSC2/CLKO/CN29/RA3
TDO/RA8
dsPIC33FJ16MC304
= Pins are up to 5V tolerant
Note 1: The RPn pins can be used by any remappable peripheral. See Table 1 for the list of available
peripherals.
2: The metal plane at the bottom of the device is not connected to any pins and is recommended to
be connected to VSS externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More