전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F883-ESSSQTP 데이터시트(PDF) 44 Page - Microchip Technology

부품명 PIC16F883-ESSSQTP
상세설명  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSSQTP 데이터시트(HTML) 44 Page - Microchip Technology

Back Button PIC16F883-ESSSQTP Datasheet HTML 40Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 41Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 42Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 43Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 44Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 45Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 46Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 47Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 338 page
background image
PIC16F882/883/884/886/887
DS41291G-page 44
 2006-2012 Microchip Technology Inc.
3.2.3
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the comparator or the A/D Converter (ADC),
refer to the appropriate section in this data sheet.
3.2.3.1
RA0/AN0/ULPWU/C12IN0-
Figure 3-1 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a negative analog input to Comparator C1 or C2
• an analog input for the Ultra Low-Power Wake-up
FIGURE 3-1:
BLOCK DIAGRAM OF RA0
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
RD
WR
WR
RD
To Comparator
Analog(1)
Input Mode
01
IULP
Data Bus
PORTA
TRISA
TRISA
PORTA
Note 1:
ANSEL determines Analog Input mode.
-
+VTRG
ULPWUE
To A/D Converter
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More