전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3550-50E/MS 데이터시트(PDF) 33 Page - Microchip Technology

부품명 MCP3550-50E/MS
상세설명  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550-50E/MS 데이터시트(HTML) 33 Page - Microchip Technology

Back Button MCP3550-50E/MS Datasheet HTML 28Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 29Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 30Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 31Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 32Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 33Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 34Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 35Page - Microchip Technology MCP3550-50E/MS Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 33
MCP3550/1/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3550-50:
Single Channel 22-Bit Delta-Sigma ADC
MCP3550T-50: Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
MCP3550-60:
Single Channel 22-Bit Delta-Sigma ADC
MCP3550T-60: Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
MCP3551:
Single Channel 22-Bit Delta-Sigma ADC
MCP3551T:
Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
MCP3553:
Single Channel 22-Bit Delta-Sigma ADC
MCP3553T:
Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
Temperature Range: E
= -40°C to +125°C
Package:
MS = Plastic MSOP, 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
Examples:
a)
MCP3550-50E/MS: Extended Temp.,
8LD MSOP.
b)
MCP3550T-50E/MS: Tape and Reel,
Extended Temp.,
8LD MSOP.
c)
MCP3550-60E/SN:
Extended Temp.,
8LD SOIC.
d)
MCP3550T-60E/SN: Tape and Reel,
Extended Temp.,
8LD SOIC.
a)
MCP3551-E/MS:
Extended Temp.,
8LD MSOP.
b)
MCP3551T-E/MS:
Tape and Reel,
Extended Temp.,
8LD MSOP.
a)
MCP3553-E/SN:
Extended Temp.,
8LD SOIC.
b)
MCP3553T-E/SN:
Tape and Reel,
Extended Temp.,
8LD SOIC.
PART NO.
–X
/XX
Package
Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36