전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIP32451 데이터시트(PDF) 11 Page - Vishay Telefunken

부품명 SIP32451
상세설명  0.9 V to 2.5 V, 55 m Load Switch in WCSP4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIP32451 데이터시트(HTML) 11 Page - Vishay Telefunken

Back Button SIP32451 Datasheet HTML 5Page - Vishay Telefunken SIP32451 Datasheet HTML 6Page - Vishay Telefunken SIP32451 Datasheet HTML 7Page - Vishay Telefunken SIP32451 Datasheet HTML 8Page - Vishay Telefunken SIP32451 Datasheet HTML 9Page - Vishay Telefunken SIP32451 Datasheet HTML 10Page - Vishay Telefunken SIP32451 Datasheet HTML 11Page - Vishay Telefunken SIP32451 Datasheet HTML 12Page - Vishay Telefunken SIP32451 Datasheet HTML 13Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 10-Oct-11
1
Document Number: 63459
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
WCSP4: 4 Bumps
(2 x 2 , 0.4 mm pitch, 208 μm bump height, 0.8 mm x 0.8 mm die size)
Notes
(1) Laser mark on the backside surface of die
(2) Bumps are SAC396
(3) 0.050 max. coplanarity
Note
a. Use millimeters as the primary measurement.
MILLIMETERSa
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.515
0.530
0.545
0.0202
0.0208
0.0214
A1
0.208
0.0081
b
0.250
0.260
0.270
0.0098
0.0102
0.0106
e
0.400
0.0157
D
0.720
0.760
0.800
0.0182
0.0193
0.0203
4 x Ø b
Bump Note 2
A
B
Pin 1 mark
W
B
A
12
1
2
A
B
Mark on backside of die
e
D
ECN: T11-0497-Rev. B, 10-Oct-11
DWG: 6004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com