전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3428 데이터시트(PDF) 2 Page - 3M Electronics

부품명 3428
상세설명  3M Pak 100 4-Wall Header
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

3428 데이터시트(HTML) 2 Page - 3M Electronics

  3428 Datasheet HTML 1Page - 3M Electronics 3428 Datasheet HTML 2Page - 3M Electronics 3428 Datasheet HTML 3Page - 3M Electronics 3428 Datasheet HTML 4Page - 3M Electronics 3428 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Pak 100 4-Wall Header
.100
″ × .100″ Latch/Ejector, Straight and Right Angle
3000 Series
-X202
Header with
Short Ejector/Latch
for 3M Sockets without
Strain Relief
-X302
Header with
Long Ejector/Latch
for 3M Sockets with
Strain Relief
TS-0772-04
Sheet 2 of 4
.025
± .002 Sq Typ
[ 0.64 ]
D
.020
[0.51]
.12
[3.0]
Position 1
.100 Ref
[2.54]
.28
[7.1]
Position 1
Orientation
Triangle
.21
[5.3]
.24
[6.1]
.30
[7.6]
.0245 Typ
.112
± .010
[2.84]
.049 Ref
[1.24]
.100 Ref
[2.54]
2X ø .100
[2.54]
(See Note 2)
A
C
.16
[4.1]
Notch C
(See Table 1 & Note 1)
Notch B
(See Table 1)
Notch A
(See Table 1 & Note1)
B
B
Section B-B
.100 Ref
[2.54]
(Right Angle)
.68
[17.3]
.35
[8.9]
.020
[0.51]
A
A
.0245 Typ
Section A-A
(Straight)
.112
± .010
[2.84]
.30
[7.6]
.24
[6.1]
.025
± .002 Sq Typ
[ 0.64 ]
B
2X ø.100
[2.54]
(See Note 2)
“Y”
CL
“Y”
CL
.25
[6.4]
.34
[8.3]
.197
[5.00]
.20
[5.1]
.424
± .010
[ 10.77 ]
.573
± .010
[ 14.55 ]
.08
[2.0]
.97 Ref
[24.6]
.08
[2.0]
.37 Ref
[9.4]
.46 Ref
[11.7]
1.07 Ref
[27.2]



Html Pages

1 2 3 4 5