전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADDI7100BCPZ 데이터시트(PDF) 15 Page - Analog Devices

부품명 ADDI7100BCPZ
상세설명  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADDI7100BCPZ 데이터시트(HTML) 15 Page - Analog Devices

Back Button ADDI7100BCPZ Datasheet HTML 11Page - Analog Devices ADDI7100BCPZ Datasheet HTML 12Page - Analog Devices ADDI7100BCPZ Datasheet HTML 13Page - Analog Devices ADDI7100BCPZ Datasheet HTML 14Page - Analog Devices ADDI7100BCPZ Datasheet HTML 15Page - Analog Devices ADDI7100BCPZ Datasheet HTML 16Page - Analog Devices ADDI7100BCPZ Datasheet HTML 17Page - Analog Devices ADDI7100BCPZ Datasheet HTML 18Page - Analog Devices ADDI7100BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADDI7100
Rev. C | Page 15 of 20
INITIAL POWER-ON SEQUENCE
After power-on, the ADDI7100 automatically resets all internal
registers to default values. Settling of the internal voltage refer-
ence takes approximately 1 ms to complete. During this time,
normal clock signals and serial write operations can take place,
but valid output data do not occur until the reference is fully
settled. When loading the desired register settings, the STARTUP
register (Address 0x05[1:0]) must be set to 0x3.
GROUNDING AND DECOUPLING
RECOMMENDATIONS
As shown in Figure 15, a single ground plane is recommended
for the ADDI7100. This ground plane should be as continuous
as possible to ensure that all analog decoupling capacitors
provide the lowest possible impedance path between the power
and bypass pins and their respective ground pins. Place all
decoupling capacitors as close as possible to the package pins.
A single clean power supply is recommended for the ADDI7100,
but a separate digital driver supply can be used for DRVDD
(Pin 11). Always decouple DRVDD to DRVSS (Pin 12), which
should be connected to the analog ground plane. The advantages
of using a separate digital driver supply include using a lower
voltage (2.7 V) to match levels with a 2.7 V ASIC, and reducing
digital power dissipation and potential noise coupling. If the
digital outputs must drive a load larger than 20 pF, buffering is
the recommended method to reduce digital code transition
noise. Alternatively, placing series resistors close to the digital
output pins may also help to reduce noise.
Note that the exposed pad on the bottom of the package should
be soldered to the ground plane of the printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com