전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS27M2BIPT 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TS27M2BIPT
상세설명  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2BIPT 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TS27M2BIPT Datasheet HTML 5Page - STMicroelectronics TS27M2BIPT Datasheet HTML 6Page - STMicroelectronics TS27M2BIPT Datasheet HTML 7Page - STMicroelectronics TS27M2BIPT Datasheet HTML 8Page - STMicroelectronics TS27M2BIPT Datasheet HTML 9Page - STMicroelectronics TS27M2BIPT Datasheet HTML 10Page - STMicroelectronics TS27M2BIPT Datasheet HTML 11Page - STMicroelectronics TS27M2BIPT Datasheet HTML 12Page - STMicroelectronics TS27M2BIPT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TS27M2, TS27M2A, TS27M2B
Package information
Doc ID 2306 Rev 2
9/14
4.1
DIP8 package information
Figure 14.
DIP8 package mechanical drawing
Table 4.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14