| 전자부품 데이터시트 검색엔진 |
|
MPC8314ECVRAGDA 데이터시트(PDF) 78 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8314ECVRAGDA 데이터시트(HTML) 78 Page - Freescale Semiconductor, Inc |
|
78 / 101 page ![]() MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 78 Freescale Semiconductor Package and Pin Listings JTAG TCK E5 I NVDD1_ON — TDI B4 I NVDD1_ON 4 TDO C4 O NVDD1_ON 3 TMS C3 I NVDD1_ON 4 TRST C2 I NVDD1_ON 4 TDM GPIO_18/TDM_RCK AB1 I/O NVDD1_OFF — GPIO_20/TDM_RD AC1 I/O NVDD1_OFF — GPIO_19/TDM_RFS AB3 I/O NVDD1_OFF — GPIO_21/TDM_TCK AB5 I/O NVDD1_OFF — GPIO_23/TDM_TD AC3 I/O NVDD1_OFF — GPIO_22/TDM_TFS AC2 I/O NVDD1_OFF — TEST TEST_MODE D6 I NVDD1_ON 6 DEBUG QUIESCE B5 O NVDD1_ON — System Control HRESET B6 I/O NVDD1_ON 1 PORESET A6 I NVDD1_ON — Clocks SYS_XTAL_IN L27 I NVDD2_ON — SYS_XTAL_OUT J28 O NVDD2_ON — SYS_CLK_IN K28 I NVDD2_ON — USB_XTAL_IN A15 I NVDD2_OFF — USB_XTAL_OUT B14 O NVDD2_OFF — USB_CLK_IN B15 I NVDD2_OFF — PCI_SYNC_OUT J27 O NVDD2_ON 3 RTC_CLK K26 I NVDD2_ON — PCI_SYNC_IN K27 I NVDD2_ON — MISC AVDD1 AC15 I — — AVDD2 M23 I — — THERM0 L25 I NVDD2_ON 7 DMA_DACK0/GPIO_13 AC4 I/O NVDD1_OFF — Table 66. MPC8314E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Note |