| 전자부품 데이터시트 검색엔진 |
|
STM8AF6179 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6179 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 110 page ![]() STM8AF52/62xx, STM8AF51/61xx Electrical characteristics Doc ID 14395 Rev 9 77/110 Figure 38. Recommended reset pin protection 10.3.8 TIM 1, 2, 3, and 4 electrical specifications Subject to general operating conditions for VDD, fMASTER and TA. External STM8A Filter RPU VDD Internal reset NRST 0.1µF reset circuit (optional) Table 42. TIM 1, 2, 3, and 4 electrical specifications Symbol Parameter Conditions Min Typ Max Unit fEXT Timer external clock frequency(1) 1. Not tested in production. —— — 24 MHz |