| 전자부품 데이터시트 검색엔진 |
|
ET01LD1ASE 데이터시트(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ET01LD1ASE 데이터시트(HTML) 5 Page - C&K Components |
|
5 / 7 page ![]() F–29 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F .079 TYP. (2,0) .200 (5,08) .051 (1,30) .032 TYP. (0,80) .272 (6,90) .059 (1,50) .071 TYP. (1,80) .100 (2,54) .041 (1,04) .020 TYP (0,51) .403 (10,24) .276 (7,0) .121 (3,07) .059 (1,50) .403 (10,24) ø.181 (4,60) .217 (5,51) .234 (5,94) (2,51Ø) ø.099 .354 (9,00) .171 (4,35) EPOXY SEAL ET Series Sealed Subminiature Toggle Switches TERMINATIONS Actuator Shown In Pos. 1 PC MOUNTING Actuator Shown In Pos. 1 PC MOUNTING Actuator Shown In Pos. 1 ET02 Models: Omit terminal 2 V31 Snap-In ET02 Models: Omit center hole. PC MOUNTING ET01SD1AV2BE Vertical Actuation SPDT ET01M3D1SAPE Horizontal Actuation SPDT Only ET01MD1V3BE SPDT AV3 VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE SA RIGHT ANGLE, SURFACE MOUNT V3 VERTICAL MOUNT, V-BRACKET V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN Not available with S and S1 actuators. Standard with tape & reel packaging, See page F-31. ET01M3D1SA1BE Horizontal Actuation SPDT Only SA1 RIGHT ANGLE, SURFACE MOUNT Not available in ET02 . Actuators M and M3, bushing D1, contact material B. Standard with tape and reel packaging-see page F-31 |