| 전자부품 데이터시트 검색엔진 |
|
BAT30CWFILM 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT30CWFILM 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() Package information BAT30 12/14 Doc ID 12564 Rev 3 Figure 21. SOT-666 footprint (dimensions in mm) Table 11. SOT-666 dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.45 - 0.60 0.018 - 0.024 A3 0.08 - 0.18 0.003 - 0.007 b 0.17 - 0.34 0.007 - 0.013 b1 0.19 0.27 0.34 0.007 0.011 0.013 D 1.50 - 1.70 0.059 - 0.067 E 1.50 - 1.70 0.059 - 0.067 E1 1.10 - 1.30 0.043 - 0.051 e - 0.50 - -0.020 - L1 - 0.19 - - 0.007 - L2 0.10 0.30 0.004 0.012 L3 - 0.10 - - 0.004 - D b L3 L1 e b1 E1 L2 E A A3 0.50 2.60 0.62 0.30 0.99 |