| 전자부품 데이터시트 검색엔진 |
|
ADP1720TRMZ5-EP-R7 데이터시트(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1720TRMZ5-EP-R7 데이터시트(HTML) 1 Page - Analog Devices |
|
1 / 12 page ![]() 50 mA, High Voltage, Micropower Linear Regulator Data Sheet ADP1720-EP Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2011–2012 Analog Devices, Inc. All rights reserved. FEATURES Wide input voltage range: 4 V to 28 V Maximum output current: 50 mA Low light load current 28 µA at 0 µA load 35 µA at 100 µA load Low shutdown current: 0.7 µA Low dropout voltage: 275 mV @ 50 mA load Initial accuracy: ±0.5% Accuracy over line, load, and temperature: ±2% Stable with small 1 µF ceramic output capacitor Fixed 3.3 V and 5.0V output voltage options Adjustable output voltage option: 1.225V to 5.0 V Current limit and thermal overload protection Logic controlled enable Space-saving MSOP package ENHANCED PRODUCT FEATURES Enhanced processing (EP) for −55°C to +125°C operation APPLICATIONS DC-to-dc post regulation PCMCIA regulation Keep-alive power in portable equipment Industrial applications Aeronautic and military operating temperature environment TYPICAL APPLICATION CIRCUITS GND 1 GND 2 GND 3 GND 4 8 7 6 GND IN OUT EN 5 ADP1720-EP FIXED VIN = 28V VOUT = 5V 1µF 1µF Figure 1. ADP1720-EP with Fixed Output Voltage, 5.0 V GND 1 GND 2 GND 3 GND 4 8 7 6 ADJ IN OUT EN 5 ADP1720-EP ADJUSTABLE VIN = 12V VOUT = 1.225V(1 + R1/R2) 1µF 1µF R1 R2 Figure 2. ADP1720-EP with Adjustable Output Voltage, 1.225 V to 5.0 V GENERAL DESCRIPTION The ADP1720-EP is a high voltage, micropower, low dropout linear regulator. Operating over a very wide input voltage range of 4 V to 28 V, the ADP1720-EP can provide up to 50 mA of output current. With just 28 µA of quiescent supply current and a micropower shutdown mode, this device is ideal for applications that require low quiescent current. The ADP1720-EP is available in fixed output voltages of 3.3 V and 5.0 V. An adjustable version is also available, which allows the output to be set anywhere between 1.225 V and 5.0 V. An enable function that allows external circuits to turn on and turn off the ADP1720 output is available. For automatic startup, the enable (EN) pin can be connected directly to the input rail. The ADP1720-EP is optimized for stable operation with small 1 µF ceramic output capacitors, allowing for good transient performance while occupying minimal board space. The ADP1720-EP operates from –55°C to +125°C and uses current limit protection and thermal overload protection circuits to prevent damage to the device in adverse conditions. Available in a small MSOP package, the ADP1720-EP provides a compact solution with low thermal resistance. Additional application and technical information can be found in the ADP1720 data sheet. |
유사한 부품 번호 - ADP1720TRMZ5-EP-R7 |
|
유사한 설명 - ADP1720TRMZ5-EP-R7 |