| 전자부품 데이터시트 검색엔진 |
|
ET01LD1ASE2 데이터시트(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ET01LD1ASE2 데이터시트(HTML) 3 Page - C&K Components |
|
3 / 7 page ![]() F–27 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F ET Series Sealed Subminiature Toggle Switches ACTUATOR BUSHING TERMINATIONS SP DP ET02 – omit center hole. PC MOUNTING SP DP SP DP (NONE) BLACK (M3 & S3 only) 1 WHITE (M3 & S3 only) PLASTIC ACTUATOR COLOR OPTION CODE M .240" HIGH C PC THRU-HOLE W WIRE WRAP S1 .540" HIGH D1 .177" HIGH, UNTHREADED F1 ESD, CONDUCTIVE BUSHING UNTHREADED, .177" HIGH F1 bushing is not UL/CSA approved M3 PLASTIC, ANTISTATIC, .240" HIGH S .400" HIGH L .320" HIGH NOTE: ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground. Available with all metal actuator options and A, AV, AV3, V3 and V31 termination options only. Internal actuator o-ring seal standard. Material: Nylon 4/6 (UL 94V-0), black standard. Static resistance: 9,000 V DC min. @ sea level, actuator to terminals. Not available with F1 conductive bushing option. Not UL approved. NOTE: All actuators have chrome finish (except M3 & S3 ). Standard with A, AV, V3 & V31 terminations. Not available with F1 conductive bushing. Not available with F1 conductive bushing. Standard with C or W terminations. SP and DP SP and DP ACTUATOR COLOR |