| 전자부품 데이터시트 검색엔진 |
|
KSC623J70LFS 데이터시트(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
KSC623J70LFS 데이터시트(HTML) 3 Page - C&K Components |
|
3 / 6 page ![]() OPTION CODE OPERATING FORCE 0 1.2 N (120 grams) 1 1.4 N (140 grams) 2 1.6 N / 1.7 N (160/170 grams) 4 3 N / 4 N (300/400 grams) 5 5.5 N (550 grams) 6 4.5 N / 8 N (450/800 grams) B–25 Dimensions are shown: mm (inches) Specifications and dimensions subject to change www.ck-components.com B 23 july 12 OPERATING FORCE KSC Series Sealed Tact Switch for SMT CONTACT MATERIAL OPTION CODE MATERIAL 1 SILVER 2 SILVER LONG LIFE 3 GOLD 4 GOLD LONG LIFE TERMINATION J J BEND G GULLWING 10 ( 7,6 ) 12 mini 5,8 maxi PAD LAYOUT 6,8 3,3 mini 8,6 mini 3 maxi PAD LAYOUT |