| 전자부품 데이터시트 검색엔진 |
|
CWR11DB686KB 데이터시트(PDF) 3 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
CWR11DB686KB 데이터시트(HTML) 3 Page - AVX Corporation |
|
3 / 4 page ![]() JUNE 2013 ■ 27 TBJ Series CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level Parametric Specifications by Rating per MIL-PRF-55365/8 Typical Ripple Data by Rating Cap DC Rated ESR @ DCL max DF Max Power 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC @ 120Hz Voltage 100kHz +25ºC +85ºC +125ºC +25ºC +(85/125)ºC -55ºC Dissipation Ripple Ripple Ripple Ripple Ripple Ripple CWR11 P/N AVX COTS-Plus P/N AVX SRC9000 P/N Case μF V Ohms (μA) (μA) (μA) (%) (%) (%) W AAA V V V @ 25ºC @ +85ºC @ +25ºC (100kHz) (100kHz) (100kHz) (100kHz) (100kHz) (100kHz) CWR11C^225*@+ TBJA 225 * 004 C # @ 0 ^ ++ TBJ A 225 * 004 C L @ 0 ^ ++ A 2.2 48 0.5 56699 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11C^475*@+ TBJ A 475 * 004 C # @ 0 ^ ++ TBJ A 475 * 004 C L @ 0 ^ ++ A 4.7 48 0.5 56699 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11C^685*@+ TBJ B 685 * 004 C # @ 0 ^ ++ TBJ B 685 * 004 C L @ 9 ^ ++ B 6.8 4 5.5 0.5 56699 0.085 0.12 0.11 0.05 0.68 0.62 0.27 CWR11C^106*@+ TBJ B 106 * 004 C # @ 0 ^ ++ TBJ B 106 * 004 C L @ 9 ^ ++ B 10 44 0.5 56699 0.085 0.15 0.13 0.06 0.58 0.52 0.23 CWR11C^156*@+ TBJ B 156 * 004 C # @ 0 ^ ++ TBJ B 156 * 004 C L @ 9 ^ ++ B 15 4 3.5 0.6 6 7.2 6 9 9 0.085 0.16 0.14 0.06 0.55 0.49 0.22 CWR11C^336*@+ TBJ C 336 * 004 C # @ 0 ^ ++ TBJ C 336 * 004 C L @ 9 ^ ++ C 33 4 2.2 1.3 13 15.6 6 9 9 0.110 0.22 0.20 0.09 0.49 0.44 0.20 CWR11C^686*@+ TBJ D 686 * 004 C # @ 0 ^ ++ TBJ D 686 * 004 C L @ 9 ^ ++ D 68 4 1.1 2.7 27 32.4 6 9 9 0.150 0.37 0.33 0.15 0.41 0.37 0.16 CWR11C^107*@+ TBJ D 107 * 004 C # @ 0 ^ ++ TBJ D 107 * 004 C L @ 9 ^ ++ D 100 4 0.9 4 40 48 8 12 12 0.150 0.41 0.37 0.16 0.37 0.33 0.15 CWR11D^155*@+ TBJ A 155 * 006 C # @ 0 ^ ++ TBJ A 155 * 006 C L @ 9 ^ ++ A 1.5 68 0.5 56699 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11D^225*@+ TBJ A 225 * 006 C # @ 0 ^ ++ TBJ A 225 * 006 C L @ 9 ^ ++ A 2.2 68 0.5 56669 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11D^335*@+ TBJ A 335 * 006 C # @ 0 ^ ++ TBJ A 335 * 006 C L @ 9 ^ ++ A 3.3 68 0.5 56699 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11D^475*@+ TBJ B 475 * 006 C # @ 0 ^ ++ TBJ B 475 * 006 C L @ 9 ^ ++ B 4.7 6 5.5 0.5 56699 0.085 0.12 0.11 0.05 0.68 0.62 0.27 CWR11D^685*@+ TBJ B 685 * 006 C # @ 0 ^ ++ TBJ B 685 * 006 C L @ 9 ^ ++ B 6.8 6 4.5 0.5 56699 0.085 0.14 0.12 0.05 0.62 0.56 0.25 CWR11D^106*@+ TBJ B 106 * 006 C # @ 0 ^ ++ TBJ B 106 * 006 C L @ 9 ^ ++ B 10 6 3.5 0.6 6 7.2 6 9 9 0.085 0.16 0.14 0.06 0.55 0.49 0.22 CWR11D^156*@+ TBJ C 156 * 006 C # @ 0 ^ ++ TBJ C 156 * 006 C L @ 9 ^ ++ C 15 6 3 0.9 9 10.8 6 9 9 0.110 0.19 0.17 0.08 0.57 0.52 0.23 CWR11D^226*@+ TBJ C 226 * 006 C # @ 0 ^ ++ TBJ C 226 * 006 C L @ 9 ^ ++ C 22 6 2.2 1.4 14 16.8 6 9 9 0.110 0.22 0.20 0.09 0.49 0.44 0.20 CWR11D^476*@+ TBJ D 476 * 006 C # @ 0 ^ ++ TBJ D 476 * 006 C L @ 9 ^ ++ D 47 6 1.1 2.8 28 33.6 6 9 9 0.150 0.37 0.33 0.15 0.41 0.37 0.16 CWR11D^686*@+ TBJ D 686 * 006 C # @ 0 ^ ++ TBJ D 686 * 006 C L @ 9 ^ ++ D 68 6 0.9 4.3 43 51.6 6 9 9 0.150 0.41 0.37 0.16 0.37 0.33 0.15 CWR11F^105*@+ TBJ A 105 * 010 C # @ 0 ^ ++ TBJ A 105 * 010 C L @ 9 ^ ++ A 1 10 10 0.5 56466 0.075 0.09 0.08 0.03 0.87 0.78 0.35 CWR11F^155*@+ TBJ A 155 * 010 C # @ 0 ^ ++ TBJ A 155 * 010 C L @ 9 ^ ++ A 1.5 10 8 0.5 56669 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11F^225*@+ TBJ A 225 * 010 C # @ 0 ^ ++ TBJ A 225 * 010 C L @ 9 ^ ++ A 2.2 10 8 0.5 56699 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11F^335*@+ TBJ B 335 * 010 C # @ 0 ^ ++ TBJ B 335 * 010 C L @ 9 ^ ++ B 3.3 10 5.5 0.5 56699 0.085 0.12 0.11 0.05 0.68 0.62 0.27 CWR11F^475*@+ TBJ B 475 * 010 C # @ 0 ^ ++ TBJ B 475 * 010 C L @ 9 ^ ++ B 4.7 10 4.5 0.5 56699 0.085 0.14 0.12 0.05 0.62 0.56 0.25 CWR11F^685*@+ TBJ B 685 * 010 C # @ 0 ^ ++ TBJ B 685 * 010 C L @ 9 ^ ++ B 6.8 10 3.5 0.7 7 8.4 6 9 9 0.085 0.16 0.14 0.06 0.55 0.49 0.22 CWR11F^156*@+ TBJ C 156 * 010 C # @ 0 ^ ++ TBJ C 156 * 010 C L @ 9 ^ ++ C 15 10 2.5 1.5 15 18 6 6 9 0.110 0.21 0.19 0.08 0.52 0.47 0.21 CWR11F^336*@+ TBJ D 336 * 010 C # @ 0 ^ ++ TBJ D 336 * 010 C L @ 9 ^ ++ D 33 10 1.1 3.3 33 39.6 6 9 9 0.150 0.37 0.33 0.15 0.41 0.37 0.16 CWR11F^476*@+ TBJ D 476 * 010 C # @ 0 ^ ++ TBJ D 476 * 010 C L @ 9 ^ ++ D 47 10 0.9 4.7 47 56.4 6 9 9 0.150 0.41 0.37 0.16 0.37 0.33 0.15 CWR11H^684*@+ TBJ A 684 * 015 C # @ 0 ^ ++ TBJ A 684 * 015 C L @ 9 ^ ++ A 0.68 15 12 0.5 56466 0.075 0.08 0.07 0.03 0.95 0.85 0.38 CWR11H^105*@+ TBJ A 105 * 015 C # @ 0 ^ ++ TBJ A 105 * 015 C L @ 9 ^ ++ A 1 15 10 0.5 56466 0.075 0.09 0.08 0.03 0.87 0.78 0.35 CWR11H^155*@+ TBJ A 155 * 015 C # @ 0 ^ ++ TBJ A 155 * 015 C L @ 9 ^ ++ A 1.5 15 8 0.5 56699 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR11H^225*@+ TBJ B 225 * 015 C # @ 0 ^ ++ TBJ B 225 * 015 C L @ 9 ^ ++ B 2.2 15 5.5 0.5 56699 0.085 0.12 0.11 0.05 0.68 0.62 0.27 CWR11H^335*@+ TBJ B 335 * 015 C # @ 0 ^ ++ TBJ B 335 * 015 C L @ 9 ^ ++ B 3.3 15 5 0.5 56689 0.085 0.13 0.12 0.05 0.65 0.59 0.26 CWR11H^475*@+ TBJ B 475 * 015 C # @ 0 ^ ++ TBJ B 475 * 015 C L @ 9 ^ ++ B 4.7 15 4 0.7 7 8.4 6 9 9 0.085 0.15 0.13 0.06 0.58 0.52 0.23 CWR11H^106*@+ TBJ C 106 * 015 C # @ 0 ^ ++ TBJ C 106 * 015 C L @ 9 ^ ++ C 10 15 2.5 1.6 16 19.2 6 8 9 0.110 0.21 0.19 0.08 0.52 0.47 0.21 CWR11H^226*@+ TBJ D 226 * 015 C # @ 0 ^ ++ TBJ D 226 * 015 C L @ 9 ^ ++ D 22 15 1.1 3.3 33 39.6 6 8 9 0.150 0.37 0.33 0.15 0.41 0.37 0.16 CWR11H^336*@+ TBJ D 336 * 015 C # @ 0 ^ ++ TBJ D 336 * 015 C L @ 9 ^ ++ D 33 15 0.9 5.3 53 63.6 6 9 9 0.150 0.41 0.37 0.16 0.37 0.33 0.15 CWR11J^474*@+ TBJ A 474 * 020 C # @ 0 ^ ++ TBJ A 474 * 020 C L @ 9 ^ ++ A 0.47 20 14 0.5 56466 0.075 0.07 0.07 0.03 1.02 0.92 0.41 CWR11J^684*@+ TBJ A 684 * 020 C # @ 0 ^ ++ TBJ A 684 * 020 C L @ 9 ^ ++ A 0.68 20 12 0.5 56466 0.075 0.08 0.07 0.03 0.95 0.85 0.38 CWR11J^105*@+ TBJ A 105 * 020 C # @ 0 ^ ++ TBJ A 105 * 020 C L @ 9 ^ ++ A 1 20 10 0.5 56466 0.075 0.09 0.08 0.03 0.87 0.78 0.35 CWR11J^155*@+ TBJ B 155 * 020 C # @ 0 ^ ++ TBJ B 155 * 020 C L @ 9 ^ ++ B 1.5 20 6 0.5 56699 0.085 0.12 0.11 0.05 0.71 0.64 0.29 CWR11J^225*@+ TBJ B 225 * 020 C # @ 0 ^ ++ TBJ B 225 * 020 C L @ 9 ^ ++ B 2.2 20 5 0.5 56689 0.085 0.13 0.12 0.05 0.65 0.59 0.26 CWR11J^335*@+ TBJ B 335 * 020 C # @ 0 ^ ++ TBJ B 335 * 020 C L @ 9 ^ ++ B 3.3 20 4 0.7 7 8.4 6 9 9 0.085 0.15 0.13 0.06 0.58 0.52 0.23 CWR11J^475*@+ TBJ C 475 * 020 C # @ 0 ^ ++ TBJ C 475 * 020 C L @ 9 ^ ++ C 4.7 20 3 1 10 12 6 8 9 0.110 0.19 0.17 0.08 0.57 0.52 0.23 CWR11J^685*@+ TBJ C 685 * 020 C # @ 0 ^ ++ TBJ C 685 * 020 C L @ 9 ^ ++ C 6.8 20 2.4 1.4 14 16.8 6 9 9 0.110 0.21 0.19 0.09 0.51 0.46 0.21 CWR11J^156*@+ TBJ D 156 * 020 C # @ 0 ^ ++ TBJ D 156 * 020 C L @ 9 ^ ++ D 15 20 1.1 3 30 36 6 8 9 0.150 0.37 0.33 0.15 0.41 0.37 0.16 CWR11J^226*@+ TBJ D 226 * 020 C # @ 0 ^ ++ TBJ D 226 * 020 C L @ 9 ^ ++ D 22 20 0.9 4.4 44 52.8 6 9 9 0.150 0.41 0.37 0.16 0.37 0.33 0.15 CWR11K^334*@+ TBJ A 334 * 025 C # @ 0 ^ ++ TBJ A 334 * 025 C L @ 9 ^ ++ A 0.33 25 15 0.5 56466 0.075 0.07 0.06 0.03 1.06 0.95 0.42 CWR11K^474*@+ TBJ A 474 * 025 C # @ 0 ^ ++ TBJ A 474 * 025 C L @ 9 ^ ++ A 0.47 25 14 0.5 56466 0.075 0.07 0.07 0.03 1.02 0.92 0.41 CWR11K^684*@+ TBJ B 684 * 025 C # @ 0 ^ ++ TBJ B 684 * 025 C L @ 9 ^ ++ B 0.68 25 7.5 0.5 56466 0.085 0.11 0.10 0.04 0.80 0.72 0.32 CWR11K^105*@+ TBJ B 105 * 025 C # @ 0 ^ ++ TBJ B 105 * 025 C L @ 9 ^ ++ B 1 25 6.5 0.5 56466 0.085 0.11 0.10 0.05 0.74 0.67 0.30 CWR11K^155*@+ TBJ B 155 * 025 C # @ 0 ^ ++ TBJ B 155 * 025 C L @ 9 ^ ++ B 1.5 25 6.5 0.5 56689 0.085 0.11 0.10 0.05 0.74 0.67 0.30 CWR11K^225*@+ TBJ C 225 * 025 C # @ 0 ^ ++ TBJ C 225 * 025 C L @ 9 ^ ++ C 2.2 25 3.5 0.6 6 7.2 6 9 9 0.110 0.18 0.16 0.07 0.62 0.56 0.25 CWR11K^335*@+ TBJ C 335 * 025 C # @ 0 ^ ++ TBJ C 335 * 025 C L @ 9 ^ ++ C 3.3 25 3.5 0.9 9 10.8 6 8 9 0.110 0.18 0.16 0.07 0.62 0.56 0.25 CWR11K^475*@+ TBJ C 475 * 025 C # @ 0 ^ ++ TBJ C 475 * 025 C L @ 9 ^ ++ C 4.7 25 2.5 1.2 12 14.4 6 9 9 0.110 0.21 0.19 0.08 0.52 0.47 0.21 CWR11K^685*@+ TBJ D 685 * 025 C # @ 0 ^ ++ TBJ D 685 * 025 C L @ 9 ^ ++ D 6.8 25 1.4 1.7 17 20.4 6 9 9 0.150 0.33 0.29 0.13 0.46 0.41 0.18 RATING & PART NUMBER REFERENCE All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. |