전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3012D-02TF 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 KA3012D-02TF
상세설명  4-Channel Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3012D-02TF 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button KA3012D-02TF Datasheet HTML 5Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 6Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 7Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 8Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 9Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 10Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 11Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 12Page - Fairchild Semiconductor KA3012D-02TF Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
KA3012D
9
3. DRIVER
• The gain of pre-op. Amplifier can be changed by manipulating amp input resistor or feedback resistor.
• The voltage, VREF, is the reference voltage given by the bias voltage of the pin #6.
• The level shift produces the current due to the difference between the pre amp output signal and the arbitrary reference
(bias) signal. (The current produced as +
∆I and −∆I is fed into the driver buffer. (CH1/CH4)
The current produced as +2
∆I and −2∆I is fed into the driver buffer. (CH2/CH3)
• Driver buffer drives the power TR of the output stage according to the state of the input signal.
• The output stage is the BTL driver and the motor is rotating in forward direction by operating TR Q1 and TR Q4.On the
other hand, if TR Q2 and TR Q3 is operating, the motor is rotating in reverse direction.
• When the output voltage of Pre-Amp (Pin 3, 12, 18, 25) is below the VREF, then the direction of the motor is in forward.
• When the output voltage of Pre-Amp (Pin 3, 12, 18, 25) is above the VREF, then the direction of the motor in reverse.
•The gain (AV) of the drive circuit is as follows.
4. CONNECT A BY-PASS CAPACITOR, 0.1
µµµµF BETWEEN THE SUPPLY VOLTAGE SOURCE.
5. RADIATION FIN IS CONNECTING TO THE INTERNAL GND OF THE PACKAGE.
CONNECT THE FIN TO THE EXTERNAL GND.
+
+
+
10k
BIAS
(6 Pin)
10k
AMP
−∆I
+
∆I
Buffer
Buffer
Q1
Q3
M
Q2
Q4
−∆V+∆V
CH-O
(1, 14,
16, 27 Pin)
CH-O
(2, 13,
17, 26 Pin)
+
Level
shift
AMP-I (+)
(5, 10, 20, 23 Pin)
AMP-I (
−)
(4, 11, 19, 24 Pin)
AMP-O
(3, 12, 18, 25 Pin)
Pre-amp
A
V
20 log
4V
IN
V
IN
------------
12 dB
() (CH1/CH4)
==
A
V
20 log
4V
IN
V
IN
------------
18 dB
() (CH1/CH4)
==
7
104
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com