| 전자부품 데이터시트 검색엔진 |
|
MCP6043 데이터시트(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6043 데이터시트(HTML) 17 Page - Microchip Technology |
|
17 / 40 page ![]() 2001-2013 Microchip Technology Inc. DS21669D-page 17 MCP6041/2/3/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 8-Lead MSOP Example : XXXXXX YWWNNN 6043I 304256 5-Lead SOT-23 ( MCP6041) Example: XXNN 7X25 Device I-Temp Code E-Temp Code MCP6041/T-E/OT SPNN 7XNN Note: Parts with date codes prior to November 2012 have their package markings in the SBNN format. 6-Lead SOT-23 ( MCP6043) Example: XXNN SC25 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Device I-Temp Code E-Temp Code MCP6043T-E/CH SCNN SDNN XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example : 8-Lead SOIC (150 mil) Example : XXXXXXXX XXXXYYWW NNN MCP6041 I/P256 1304 MCP6042 I/SN1304 256 MCP6041 I/P 256 1304 MCP6042I SN 1304 256 3 e OR OR 3 e |