전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3084 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 KA3084
상세설명  Bi-Directional DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3084 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3084 Datasheet HTML 3Page - Fairchild Semiconductor KA3084 Datasheet HTML 4Page - Fairchild Semiconductor KA3084 Datasheet HTML 5Page - Fairchild Semiconductor KA3084 Datasheet HTML 6Page - Fairchild Semiconductor KA3084 Datasheet HTML 7Page - Fairchild Semiconductor KA3084 Datasheet HTML 8Page - Fairchild Semiconductor KA3084 Datasheet HTML 9Page - Fairchild Semiconductor KA3084 Datasheet HTML 10Page - Fairchild Semiconductor KA3084 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
KA3084D
7
Electrical Characteristics
(Ta=25
°C, VCC=12V, unless otherwise specified)
Notes:
The note in the chart means items calculated and approved in design not the items proven by actual test result.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
FULL CIRCUIT
Quiescent current
IQ
VCC=12V
-
8.5
13
mA
VOLTAGE REGULATOR
Regulated voltage
VREG
VCC=12V
4.6
5.0
5.4
V
Regulated voltage
VREG
VCC=12V, IREG=
−20mA
4.6
5.0
5.4
V
HALL INPUT
Hall minimum input level note
VINH
-50
-
-
mVp-p
Hall bias current
IBH
VCTL=2.0V, Hall=2.5V
-
0.25
2.0
µA
OUTPUT DIRVE
Output saturation voltage (Upper)
VSU
VCTL=4.5V
-
1.3
2.0
V
Output saturation voltage (Lower)
VSL
VCTL=4.5V
-
2.0
2.0
V
Output current A
IOUTA
VH1P=2.6V
VH1N=2.4V, VCTL=3.5V
500
700
900
mA
Output current B
IOUTB
VH2P=2.6V
VH2N=2.4V, VCTL=2.5V
500
700
900
mA
VOLTAGE CONTROL
VCTL reference voltage
note
V25
0.48
× VREG
2.0
2.3
2.5
V
VCTL input range
note
VCTL
-0
-
VREG
V
VCTL offset range
VOFF
VCTL=0 ~ VCTL
−150
0
+150
mV
VCTL input bias current
IVCTL
VCTL=2.5V
-
1.0
6.0
µA
Voltage control gain
GM
VCTL=2.8V, 3.3V
∆IO / ∆VCTL
VH1P=2.6V,
VH1N=2.4V
0.38
0.55
0.64
A / V
IO
0.55A/V(TYP)
0.48
× VREG (TYP)
VCTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com