| 전자부품 데이터시트 검색엔진 |
|
RA8816N 데이터시트(PDF) 7 Page - RAIO Technology Inc. |
|
|
|||||||||||||||||||||||||||||
RA8816N 데이터시트(HTML) 7 Page - RAIO Technology Inc. |
|
7 / 8 page ![]() Preliminary Version 1.0 144x65 Character/Graphic LCD Driver RA8816N Table 4-5 : Pin Definition of Parallel / Serial Mode of MPU Parallel Mode Serial Mode 8080 6800 Pin Name I/O 8Bit 4Bit 8Bit 4Bit 3-Wire 4-Wire (A-Type) 4-Wire (B-Type) DB7 I/O DB7 --* 1 0 -- 0 1 1 DB6 I/O DB6 -- 1 -- 2 0 1 DB5 I/O DB5 -- -- -- -- -- -- DB4 I/O DB4 -- -- -- -- -- -- DB3 I/O DB3 DB3 DB3 DB3 CS CS CS DB2 I/O DB2 DB2 DB2 DB2 -- RS SDI DB1 I/O DB1 DB1 DB1 DB1 SDA SDA SDO DB0 I/O DB0 DB0 DB0 DB0 SCK SCK SCK RD , EN I RD RD EN EN 1* 2 1* 2 1* 2 WR , R/ W I WR WR R/ W R/ W 1* 2 1* 2 1* 2 D/ C , RS I D/ C D/ C RS RS 1* 2 1* 2 1* 2 CS I CS CS CS CS 1 1 1 C86 I 0 0 1 1 1 1 1 BIT4 I 0 1 0 1 1 1 1 P/ S I 1 1 1 1 0 0 0 Note1 : “--" means the pin is not used and kept floating (NC). Note2 : In serial mode, the unused parallel pins have to be connected to high (VDD). RAiO TECHNOLOGY INC. 7/8 www.raio.com.tw |