| 전자부품 데이터시트 검색엔진 |
|
31270 데이터시트(PDF) 25 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 데이터시트(HTML) 25 Page - Tyco Electronics |
|
25 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 25 Rectangular Tongue Terminals (Continued) Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud L E C W X Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. 4 .679 .526 .237 .237 .143 .042 .129 .134 328050 327971 17.25 13.36 6.02 6.02 3.63 1.07 3.28 3.40 5 .719 .566 .277 .277 .143 .042 — .134 — 327953 M3 18.26 14.38 7.04 7.04 3.63 1.07 3.40 .631 .486 .218 .290 .140 .042 .129 .134 321499 33426 16.03 12.34 5.54 7.37 3.56 1.07 3.28 3.40 2-321499-1 6 .898 .693 .404 .237 .195 .042 — .134 — 327959 12–10 M3.5 22.81 17.60 10.26 6.02 4.95 1.07 3.40 5,180–13,100 1.006 .736 .468 .296 .265 .042 .129 .134 322946 322945 [2.62–6.64] 25.55 18.69 11.89 7.52 6.73 1.07 3.28 3.40 8 .924 .754 .465 .302 .160 .042 — .134 — 331269 M4 23.47 19.15 11.81 7.67 4.06 1.07 3.40 10 .843 .588 .320 .312 .250 .042 .129 .134 321558 321557 21.41 14.94 8.13 7.92 6.35 1.07 3.28 3.40 1/4 1.069 .736 .468 .469 .328 .042 .129 .134 320823 320822 M6 27.15 18.69 11.89 11.91 8.33 1.07 3.28 3.40 Note: Part numbers are shown as loose piece over tape mounted product. Wire Size Range AWG 12 to 10, CMA 5,180 to 13,100 [2.62 to 6.64 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |