| 전자부품 데이터시트 검색엔진 |
|
STRVS182X02E 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRVS182X02E 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 13 page ![]() DocID023950 Rev 2 3/13 STRVSX Characteristics Figure 1. Electrical characteristics - definitions Symbol Parameter V = Breakdown voltage I = Leakage current @ V V = Stand-off voltage V V = Clamping voltage at I PP = Clamping voltage where R line d crosses current axis I = Peak pulse current BR RM RM RM CL CL0 PP V I VCL V V BR CL0 VRM IF VF I I RM R IPP Slope: V/I = Rd I = Forward current F V = Forward voltage F R αT = Dynamic resistance = Voltage temperature coefficient on V BR d Table 4. Electrical characteristics - values Order code IRM max @ VRM (25 °C) VBR @ IR (1) (25 °C) Values @ 125 °C (typ.) T Min. Max. IPP VCL @ Ipp VCL0 Rd (2) Max. µA V V mA A V V 10-4/°C STRVS118X02C 0.2 85 95 105 1 2 118 116 1.0 10.6 STRVS142X02F 1 102 114 126 1 2 142 140 1.0 10.7 STRVS182X02F 1 128 143 158 1 2 182 177 2.5 10.8 STRVS185X02B/E 0.2 128 143 158 1 2 185 178 2.5 10.8 STRVS222X02F 1 154 171 189 1 2 222 213 4.5 10.8 STRVS225X02E 0.5 154 171 189 1 2 225 214 5.5 10.8 STRVS241X02E 0.5 171 190 210 1 2 241 234 3.5 10.8 STRVS248X02C 0.5 171 190 210 1 2 248 238 5.0 10.8 STRVS252X02F 1 171 190 210 1 2 252 239 6.5 10.8 STRVS280X02F 1 188 209 231 1 2 280 263 8.5 10.8 1. To calculate VBR at a given junction temperature, use the following formula: VBR @ Tj = VBR @ 25 °C x (1 + T x (T j - 25)) 2. Rd = (VCL - VCL0)/IPP |