전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

232ECBZ 데이터시트(PDF) 12 Page - Intersil Corporation

부품명 232ECBZ
상세설명  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

232ECBZ 데이터시트(HTML) 12 Page - Intersil Corporation

Back Button 232ECBZ Datasheet HTML 8Page - Intersil Corporation 232ECBZ Datasheet HTML 9Page - Intersil Corporation 232ECBZ Datasheet HTML 10Page - Intersil Corporation 232ECBZ Datasheet HTML 11Page - Intersil Corporation 232ECBZ Datasheet HTML 12Page - Intersil Corporation 232ECBZ Datasheet HTML 13Page - Intersil Corporation 232ECBZ Datasheet HTML 14Page - Intersil Corporation 232ECBZ Datasheet HTML 15Page - Intersil Corporation 232ECBZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
FN4315.16
November 4, 2005
Typical Performance Curves
FIGURE 9.
V- SUPPLY VOLTAGE vs VCC
FIGURE 10. V+, V- OUTPUT VOLTAGE vs LOAD
-
+
RS-232
INPUTS AND OUTPUTS
DTR (20) DATA TERMINAL READY
DSRS (24) DATA SIGNALING RATE SELECT
DCD (8) DATA CARRIER DETECT
R1 (22) RING INDICATOR
SIGNAL GROUND (7)
15
8
13
7
14
2
-
4
R2
R1
T2
T1
9
12
10
11
3
1
HIN232E
C1
0.1
µF
DTR
DSRS
DCD
R1
+5V
INPUTS
OUTPUTS
TTL/CMOS
-
+
-
+
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
8
13
7
14
15
R2
R1
T2
T1
9
12
10
11
4
5
3
1
HIN232E
C1
0.1
µF
C2
0.1
µF
TD
RTS
RD
CTS
INPUTS
OUTPUTS
TTL/CMOS
-
+
5
C2
0.1
µF
16
C3
0.2
µF
6
2
6
V- V+
-
C4
0.2
µF
16
VCC
VCC
FIGURE 8. COMBINING TWO HIN232Es FOR 4 PAIRS OF RS-232 INPUTS AND OUTPUTS
12
10
8
6
4
2
0
3.5
4.0
4.5
6.0
VCC
5.0
5.5
3.0
0.1
µF
35
|ILOAD| (mA)
V+ (VCC = 4V)
V+ (VCC = 5V)
V- (VCC = 5V)
V- (VCC = 4V)
TA = 25°C
TRANSMITTER OUTPUTS
OPEN CIRCUIT
30
25
20
15
10
5
0
0
12
10
8
6
4
2
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com