전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VLF302515MT-R47N 데이터시트(PDF) 22 Page - TDK Electronics

부품명 VLF302515MT-R47N
상세설명  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

VLF302515MT-R47N 데이터시트(HTML) 22 Page - TDK Electronics

Back Button VLF302515MT-R47N Datasheet HTML 18Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 19Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 20Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 21Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 22Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 23Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 24Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 25Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
(22/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
VLF-M series 
VLF302512MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.037
0.031
1.91
2.12
2.77
VLF302512MT-1R0N
1.5
±30%
1.0
0.044
0.037
1.67
1.85
2.54
VLF302512MT-1R5N
2.2
±20%
1.0
0.066
0.055
1.26
1.40
1.95
VLF302512MT-2R2M
3.3
±20%
1.0
0.108
0.090
1.08
1.20
1.63
VLF302512MT-3R3M
4.7
±20%
1.0
0.136
0.113
0.97
1.08
1.42
VLF302512MT-4R7M
6.8
±20%
1.0
0.194
0.162
0.78
0.84
1.21
VLF302512MT-6R8M
10
±20%
1.0
0.299
0.249
0.62
0.69
0.95
VLF302512MT-100M
15
±20%
1.0
0.448
0.373
0.51
0.57
0.80
VLF302512MT-150M
22
±20%
1.0
0.700
0.583
0.43
0.47
0.64
VLF302512MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com