| 전자부품 데이터시트 검색엔진 |
|
WLSD3 데이터시트(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD3 데이터시트(HTML) 25 Page - Omron Electronics LLC |
|
25 / 42 page ![]() WL WL 25 WL-5A101 WL-5A103 WL-5A105 Two, 17.5 dia. × 7 stainless sintered rollers M5 × 12 Allen-head bolt WL-5A100 has a plastic roller Two, 17.5 dia. × 7 stainless sintered rollers WL-5A102 has a plastic roller Two, 17.5 dia. × 7 stainless sintered rollers M5 × 12 Allen-head bolt WL-5A104 has a plastic roller 7.3 +0.1 0 dia. 7.3 +0.1 0 dia. M5 × 12 Allen-head bolt 7.3 +0.1 0 dia. Head Models Actuators Set model Head model Head model without lever Roller lever WLCA2 WL-1H1100 WLRCA2 WLGCA2 WL-1H1100-1 (see note) WLRGCA2 WLG2 WL-2H1100 WLRG2 WLH2 WL-2H1100-1 (see note) WLRH2 WLCA2-2N WL-6H1100 WLRCA2-2N Adjustable roller lever WLCA12 WL-1H2100 WLRCA2 j WLG12 WL-2H2100 WLRG2 WLH12 WL-2H2100-1 (see note) WLRH2 WLCA12-2N WL-6H2100 WLRCA2-2N Adjustable rod lever WLCL WL-4H4100 WLRCL j WLGL WL-2H4100 WLRG2 WLCL-2N WL-6H4100 WLRCA2-2N Top plunger WLD WL-7H100 --- p p g WLD2 WL-7H200 WLD3 WL-7H300 WLD28 WL-7H400 Horizontal plunger WLSD WL-8H100 --- p g WLSD2 WL-8H200 WLSD3 WL-8H300 Fork lever lock WLCA32-41 WL-5H5100 WLRCA32 Coil spring WLNJ WL-9H100 --- p g WLNJ-30 WL-9H200 WLNJ-2 WL-9H300 WLNJ-S2 WL-9H400 Note: For the model number of Heads without lever, simply remove the numbers after WL-jH. For example, WL-1H1100 becomes WL-1H. WLH2 and WLH12 however, become WL-2H-1, and WLGCA2 becomes WL-1H-1. Other Head models are available, but must be ordered separately. |