전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WLRCL 데이터시트(PDF) 42 Page - Omron Electronics LLC

부품명 WLRCL
상세설명  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL 데이터시트(HTML) 42 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 34Page - Omron Electronics LLC WLRCL Datasheet HTML 35Page - Omron Electronics LLC WLRCL Datasheet HTML 36Page - Omron Electronics LLC WLRCL Datasheet HTML 37Page - Omron Electronics LLC WLRCL Datasheet HTML 38Page - Omron Electronics LLC WLRCL Datasheet HTML 39Page - Omron Electronics LLC WLRCL Datasheet HTML 40Page - Omron Electronics LLC WLRCL Datasheet HTML 41Page - Omron Electronics LLC WLRCL Datasheet HTML 42Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
WL
WL
42
Connectors
Either the easy-to-use Allen-head nut or the SC Connector can be
used as connectors. To ensure high-sealing properties, use the SC
Connector. (Refer to pages NO TAG to NO TAG.) (SC-1M to -5M
and others.)
Wiring
Use 1.25-mm lead wires and M4-insulation covered crimp terminals
for wiring.
Crimp Terminal External Dimensions
dz dia. 4.3
Ddia. 4.5
B:
8.5
L:
21.0
F:
7.8
ℓ:
9.0 (mm)
Ddia.
dz dia.
Wiring Method
Switch Box Section
Ground terminal
NO terminal
NC terminal
Note: The ground terminal is only installed on models with ground
terminals.
Rotating Lever Set Position
All rotating lever models, except the fork lever lock, have a set posi-
tion marker plate. (See page 7.) After operation, set the indicator
needle on the marker plate so that is in the convex section of the
bearing.
Terminal Plate
By using a short circuit plate, as shown in the following diagram, the
Switch can be fabricated into a single-polarity double-break model.
When ordering specify WL Terminal Plate (product code:
WL-9662F).
t = 0.6 Copper plate
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. C001-E1-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42