전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CKR05BX331M 데이터시트(PDF) 4 Page - AVX Corporation

부품명 CKR05BX331M
상세설명  MIL-PRF-39014/Radial Leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

CKR05BX331M 데이터시트(HTML) 4 Page - AVX Corporation

  CKR05BX331M Datasheet HTML 1Page - AVX Corporation CKR05BX331M Datasheet HTML 2Page - AVX Corporation CKR05BX331M Datasheet HTML 3Page - AVX Corporation CKR05BX331M Datasheet HTML 4Page - AVX Corporation CKR05BX331M Datasheet HTML 5Page - AVX Corporation CKR05BX331M Datasheet HTML 6Page - AVX Corporation CKR05BX331M Datasheet HTML 7Page - AVX Corporation CKR05BX331M Datasheet HTML 8Page - AVX Corporation CKR05BX331M Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
53
MIL-PRF-39014/Radial Leads
Military
Failure Rate Level (%/1,000 Hours)
Capacitance
Type
Capacitance
Tolerance
Designation
1.0 (M)
0.1 (P)
0.01 (R)
0.001 (S)
(pF)
±Percent
WVDC
CKR06 (BX)
CKR06BX122K_
1201
1241
1281
1321
1200
10
200
CKR06BX152K_
1202
1242
1282
1322
1500
10
200
CKR06BX152M_
1203
1243
1283
1323
1500
20
200
CKR06BX182K_
1204
1244
1284
1324
1800
10
200
CKR06BX222K_
1206
1246
1286
1326
2200
10
200
CKR06BX222M_
1207
1247
1287
1327
2200
20
200
CKR06BX272K_
1208
1248
1288
1328
2700
10
200
CKR06BX332K_
1209
1249
1289
1329
3300
10
200
CKR06BX332M_
1210
1250
1290
1330
3300
20
200
CKR06BX392K_
1211
1251
1291
1331
3900
10
200
CKR06BX472K_
1212
1252
1292
1332
4700
10
200
CKR06BX472M_
1213
1253
1293
1333
4700
20
200
CKR06BX562K_
1214
1254
1294
1334
5600
10
200
CKR06BX682K_
1215
1255
1295
1335
6800
10
200
CKR06BX682M_
1216
1256
1296
1336
6800
20
200
CKR06BX822K_
1217
1257
1297
1337
8200
10
200
CKR06BX103K_
1218
1258
1298
1338
10,000
10
200
CKR06BX103M_
1219
1259
1299
1339
10,000
20
200
CKR06BX123K_
1231
1271
1311
1351
12,000
10
100
CKR06BX153K_
1220
1260
1300
1340
15,000
10
100
CKR06BX183K_
1221
1261
1301
1341
18,000
10
100
CKR06BX223K_
1222
1262
1302
1342
22,000
10
100
CKR06BX273K_
1232
1272
1312
1352
27,000
10
100
CKR06BX333K_
1223
1263
1303
1343
33,000
10
100
CKR06BX393K_
1224
1264
1304
1344
39,000
10
100
CKR06BX473K_
1225
1265
1305
1345
47,000
10
100
CKR06BX563K_
1226
1266
1306
1346
56,000
10
100
CKR06BX683K_
1227
1267
1307
1347
68,000
10
100
CKR06BX823K_
1229
1269
1309
1349
82,000
10
100
CKR06BX104K_
1230
1270
1310
1350
100,000
10
100
CKR06BX124K_
1233
1273
1313
1353
120,000
10
50
CKR06BX154K_
1234
1274
1314
1354
150,000
10
50
CKR06BX184K_
1235
1275
1315
1355
180,000
10
50
CKR06BX224K_
1236
1276
1316
1356
220,000
10
50
CKR06BX274K_
1237
1277
1317
1357
270,000
10
50
CKR06BX334K_
1238
1278
1318
1358
330,000
10
50
CKR06BX394K_
1239
1279
1319
1359
390,000
10
50
CKR06BX474K_
1240
1280
1320
1360
470,000
10
50
CKR06BX564K_
1404
1408
1412
1416
560,000
10
50
CKR06BX684K_
1405
1409
1413
1417
680,000
10
50
CKR06BX824K_
1406
1410
1414
1418
820,000
10
50
CKR06BX105K_
1407
1411
1415
1419
1,000,000
10
50
Military
Failure Rate Level (%/1,000 Hours)
Capacitance
Type
Capacitance
Tolerance
Designation
1.0 (M)
(pF)
±Percent
WVDC
CKR08 (BX)
CKR08BX125K_
0104
1,200,000
10
50
CKR08BX155K_
0105
1,500,000
10
50
CKR08BX205K_
0106
2,000,000
10
50
Add appropriate failure rate level letter (M, P, R or S)
Add appropriate failure rate level letter (M)
CKR08 to MIL-PRF-39014/20 (Dash Number From Table)
CROSS REFERENCE CHART - AVX MILITARY FOR MOLDED RADIAL LEAD
Per Mil-Spec
Case Size
AVX
Lead
Lead
Figure Style MIL-C-11015 MIL-PRF-39014 MIL-PRF-20
Length(L)
Width (W)
Thickness (T)
Spacing (LS)
Diameter (LD)
1
MR05
CK05
CKR05
CCR05/CC05
4.83±.25 (.190±.010)
4.83±.25 (.190±.010)
2.29±.25 (.090±.010)
5.08±.38 (.200±.015)
.64±.05 (.025±.002)
2
MR04
—
CKR04
CCR09/CC09
4.83±.25 (.190±.010)
4.83±.25 (.190±.010)
2.29±.25 (.090±.010)
2.54±.38 (.100±.015)
.64±.05 (.025±.002)
2
MR06
CK06
CKR06
CCR06/CC06
7.37±.25 (.290±.010)
7.37±.25 (.290±.010)
2.29±.25 (.090±.010)
5.08±.38 (.200±.015)
.64±.05 (.025±.002)
2
MR68
—
CKR08
—
7.37±.25 (.290±.010)
7.37±.25 (.290±.010)
3.68±.38 (.145±.015)
5.08±.38 (.200±.015)
.64±.05 (.025±.002)
2
MR07
—
—
CCR07/CC07
12.19±.51 (.480±.020) 12.19±.51 (.480±.020)
3.56±.25 (.140±.010) 10.16±.51 (.400±.020) .64±.05 (.025±.002)
2
MR08
—
—
CCR08/CC08
12.19±.51 (.480±.020) 12.19±.51 (.480±.020)
6.1±.25 (.240±.010)
10.16±.51 (.400±.020) .64±.05 (.025±.002)
Dimensions: Millimeters (Inches)
MILITARY DASH NUMBER IDENTIFICATION CKR06 TO MIL-PRF-39014/02
(Dash Number From Table)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14