전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDD312 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 MDD312
상세설명  High Power Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD312 데이터시트(HTML) 1 Page - IXYS Corporation

  MDD312 Datasheet HTML 1Page - IXYS Corporation MDD312 Datasheet HTML 2Page - IXYS Corporation MDD312 Datasheet HTML 3Page - IXYS Corporation MDD312 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2013 IXYS All rights reserved
1 - 4
20130813g
MDD 312
IXYS reserves the right to change limits, test conditions and dimensions.
I
FRMS =
2x 520 A
I
FAVM
=
2x 310 A
V
RRM = 1200-2200 V
High Power
Diode Modules
Features
• International standard package
• Direct Copper Bonded Al
2O3 ceramic
with copper base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered
Applications
• Supplies for DC power equipment
• DC supply for PWM inverter
• Field supply for DC motors
• Battery DC power supplies
Advantages
• Simple mounting
• Improved temperature & power cycling
• Reduced protection circuits
Symbol
Conditions
Maximum Ratings
I
FRMS
I
FAVM
T
VJ = TVJM
T
C = 25°C
180° sine
T
C = 100°C
520
310
A
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
10500
11200
A
A
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
9200
9800
A
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
551 000
527 000
A2s
A2s
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
423 000
403 000
A2s
A2s
T
VJ
T
VJM
T
stg
-40...+150
150
-40...+125
°C
°C
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
I
ISOL < 1 mA
t = 1 s
3000
3600
V~
V~
M
d
Mounting torque (M6)
Terminal connection torque (M8)
4.5 - 7
11-13
Nm
Nm
Weight
Typical including screws
750
g
3
1
2
V
RSM
V
RRM
Type
V
V
1300
1200
MDD 312-12N1
1500
1400
MDD 312-14N1
1700
1600
MDD 312-16N1
1900
1800
MDD 312-18N1
2100
2000
MDD 312-20N1
2300
2200
MDD 312-22N1
Symbol
Conditions
Characteristics Values
I
RRM
V
R = VRRM
T
VJ = TVJM
30
mA
V
F
I
F = 600 A;
T
VJ = 25°C
1.32
V
V
T0
r
t
For power-loss calculations only
T
VJ = TVJM
0.8
0.6
V
m
W
R
thJC
R
thJK
per diode; DC current
per module
other values
per diode; DC current
see MCC 255
per module
0.12
0.06
0.16
0.08
K/W
K/W
K/W
K/W
Q
S
I
RM
I
F = 400 A; -di/dt = 50 A/µs; TVJ = 125°C
700
260
µC
A
d
S
d
A
a
Creeping distance on surface
Creepage distance in air
Maximum allowable acceleration
12.7
9.6
50
mm
mm
m/s2
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
E72873


유사한 부품 번호 - MDD312

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
MDD312-12N1 IXYS-MDD312-12N1 Datasheet
296Kb / 6P
Standard Rectifier Module Phase leg
MDD312-14N1 IXYS-MDD312-14N1 Datasheet
296Kb / 6P
Standard Rectifier Module Phase leg
MDD312-16N1 IXYS-MDD312-16N1 Datasheet
296Kb / 6P
Standard Rectifier Module Phase leg
MDD312-18N1 IXYS-MDD312-18N1 Datasheet
296Kb / 6P
Standard Rectifier Module
MDD312-20N1 IXYS-MDD312-20N1 Datasheet
296Kb / 6P
High Voltage Standard Rectifier Module
More results

유사한 설명 - MDD312

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
L016 IXYS-L016 Datasheet
56Kb / 3P
High Power Diode Modules
MDD255-12N1 IXYS-MDD255-12N1 Datasheet
62Kb / 3P
High Power Diode Modules
logo
International Rectifier
B40J IRF-B40J Datasheet
340Kb / 6P
POWER MODULES DIODE
logo
IXYS Corporation
MDD172 IXYS-MDD172 Datasheet
129Kb / 3P
High Power Diode Modules
MDD142 IXYS-MDD142 Datasheet
131Kb / 3P
HIgh Power Diode Modules
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
High Power Diode Modules
MDD220 IXYS-MDD220 Datasheet
110Kb / 3P
High Power Diode Modules
MDD250 IXYS-MDD250 Datasheet
116Kb / 3P
High Power Diode Modules
logo
Nell Semiconductor Co.,...
NKT160A NELLSEMI-NKT160A Datasheet
694Kb / 4P
Thyristor/Diode Power Modules
NKT250 NELLSEMI-NKT250_18 Datasheet
676Kb / 4P
Thyristor/Diode Power Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com