| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS202 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS202 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 20 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS80439M-page 4 2009-2013 Microchip Technology Inc. PWM Duty Cycle Updates 34. When the PWM duty cycle update coincides with the PWM period rollover, the PWM output may be corrupted for one PWM period. XX X JTAG Active Pull-up 35. In JTAG mode, the TMS pin will not have an active pull-up as required by the JTAG specification. XX X SPI Framed Master Mode 36. When the SPI module is configured in Framed Master mode and the Frame Sync Pulse Edge Select bit (FRMDLY) is set to ‘1’, transmitting a word and then buffering another word in the SPIxBUF register before the transmission has completed, results in an incomplete transmission of the first data word. XX X Comparator Trigger Voltage Level 37. Output signal transitions occurring on the DACOUT pin (with DAC output disabled) can cause the Comparator trigger voltage level to change. XX X CPU Interrupt Disable 38. When a previous DISI instruction is active (i.e., the DISICNT register is non-zero), and the value of the DISICNT register is updated manually, the DISICNT register freezes and disables interrupts permanently. XX X CPU div.sd 39. When using the div.sd instruction, the overflow bit is not getting set when an overflow occurs. XX X UART TX Interrupt 40. A Transmit (TX) interrupt may occur before the data transmission is complete. XX X JTAG Flash Programming 41. JTAG Flash programming is not supported. X X X PWM Edge-Aligned Complimentary Mode 42. When operating in Edge-Aligned Complimentary mode, the dead time could become 0. XX X PWM PWM Module Enable 43. If the PWM Clock Divider Select register, PTCON2, is not equal to zero, the PWM module may or may not initialize from an override state XX X PWM PWM SWAP 44. If the PWM is configured for Complimentary mode and the SWAP bit is enabled, the PWM outputs might operate as Redundant mode when the PHASE value is greater than the programmed dead-time (DTRx) value. XX X PWM PWM in Current-Limit Mode 45. A <8-ns glitch may be observed on the PWM output pins when the Current-Limit event occurs. XX X TABLE 2: SILICON ISSUE SUMMARY (CONTINUED) Module Feature Item Number Issue Summary Affected Revisions(1) A2 A3 A4 Note 1: Only those issues indicated in the last column apply to the current silicon revision. |