| 전자부품 데이터시트 검색엔진 |
|
PIC24EMC 데이터시트(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24EMC 데이터시트(HTML) 14 Page - Microchip Technology |
|
14 / 20 page ![]() 14 16-bit Embedded Control Solutions General Purpose Development & Evaluation Tools Development Boards A variety of hardware development boards are available for the PIC24 MCU and dsPIC DSC, enabling designers to shorten their design cycle and quickly develop prototypes. These boards are designed to allow easy connection to an MPLAB ICD 3 In-Circuit Debugger, MPLAB REAL ICE In-Circuit Emulator or MPLAB PM3 device programmer. All development boards include documentation and example source code to accelerate your design. Starter Kits MPLAB starter kits are designed to demonstrate the key features of the device family they represent. In addition to the external circuit needed to support and demonstrate the device, the starter kits include the circuitry necessary to debug and program the MCUs and DSCs. When combined twith the MPLAB X IDE and the MPLAB XC16 Compiler, these starter kits allow designers to gain quick knowledge and experience with the 16-bit MCU and dsPIC DSC products. MPLAB Starter Kit for PIC24F MCUs (DM240011) This starter kit is based on the PIC24FJ256GB110 family and is equipped with the hardware and software necessary to demonstrate the USB Device/Embedded Host/OTG peripheral and mTouch Capacitive Touch Sense technology. dsPIC33E/PIC24E USB Starter Kit (DM330012/DM240012) These starter kits provide a low-cost modular development system for Microchip’s enhanced 16-bit Digital Signal Controllers or High-Performance Microcontrollers (MCUs). They come with preloaded demo software for the user to explore the new features of the dsPIC33E DSC family or the PIC24E MCU family. Microsticks Microsticks are USB-powered and include an on-board debugger/programmer. They are the lowest cost way to get started evaluating PIC24 MCUs or dsPIC DSCs since no external debugger or power source is needed. The Microsticks are fully supported by MPLAB X IDE and provide easy plug-in to a standard breadboard with access to device signals for prototyping. These boards have a very small form factor and include free demo code. Microstick for dsPIC33F and PIC24H Development Board (DM330013) The Microstick for dsPIC33F and PIC24H devices is designed to provide designers with an easy to use, economical development environment for 16-bit digital signal controllers and microcontrollers. Microstick for 3V PIC24 K-series Development Board (DM240013-1) Microstick for 3V PIC24F K-series is a flexible, USB powered development platform. It’s the perfect solution for those looking to get started with Microchip’s lowest cost 16-bit microcontroller families, the PIC24F K-series, for extremely cost sensitive applications. Microstick II Development Board (DM330013-2) Microstick II delivers a low-cost, easy-to-use development platform for Microchip’s 16- and 32-bit microcontrollers and digital signal controllers. The USB-powered kit includes an on-board debugger/ programmer, a DUT socket for easy device swapping, a user LED and reset button. General Purpose 16-bit Development Boards Description Part Number Devices Supported PIC24F PIC24H/E dsPIC33F/E MPLAB Starter Kit for PIC24F MCUs DM240011 ü – – PIC24E USB Starter Kit DM240012 – ü – dsPIC33E USB Starter Kit DM330012 – – ü Microstick for dsPIC33F and PIC24H Development Board DM330013 – ü ü Microstick for 3V PIC24 K-series Development Board DM240013-1* ü – – Microstick II Development Board DM330013-2 ü ü ü Explorer 16 Development Board DM240001 ü ü ü *For use with 3V PIC24 K-series devices |