전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTX100-2P-R 데이터시트(PDF) 3 Page - Cooper Bussmann, Inc.

부품명 CTX100-2P-R
상세설명  Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX100-2P-R 데이터시트(HTML) 3 Page - Cooper Bussmann, Inc.

  CTX100-2P-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX100-2P-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
O
Op
pe
en
n C
Ciirrc
cu
uiitt
F
Fu
ullll L
Lo
oa
ad
d
F
Fu
ullll L
Lo
oa
ad
d
D
DC
C
O
Op
pe
en
n C
Ciirrc
cu
uiitt
F
Fu
ullll L
Lo
oa
ad
d
F
Fu
ullll L
Lo
oa
ad
d
D
DC
C
P
Pa
arrtt
IIn
nd
du
uc
ctta
an
nc
ce
e
IIn
nd
du
uc
ctta
an
nc
ce
e
C
Cu
urrrre
en
ntt
R
Re
es
siis
stta
an
nc
ce
e
IIn
nd
du
uc
ctta
an
nc
ce
e
IIn
nd
du
uc
ctta
an
nc
ce
e
C
Cu
urrrre
en
ntt
R
Re
es
siis
stta
an
nc
ce
e
N
Nu
um
mb
be
err
µ
µH
H +
+//--2
20
0%
%
µ
µH
H
m
miin
n..
A
Ad
dc
c
o
oh
hm
ms
s m
ma
ax
x..
µ
µH
H +
+//--2
20
0%
%
µ
µH
H
m
miin
n..
A
Ad
dc
c
o
oh
hm
ms
s m
ma
ax
x..
CTX150-2-R
147.39
93.46
.43
.560
589.57
373.84
.22
2.241
CTX200-2-R
198.58
122.94
.39
.796
794.30
491.76
.20
3.184
CTX300-2-R
300.80
169.06
.38
1.231
1203.20
676.24
.19
4.929
CTX0.47-3-R
.38
.27
6.00
.005
1.54
1.08
3.00
.020
CTX0.68-3-R
.60
.42
5.00
.006
2.40
1.67
2.50
.024
CTX1-3-R
.86
.57
4.80
.007
3.46
2.28
2.40
.028
CTX2-3-R
1.94
1.05
4.70
.010
7.78
4.22
2.35
.040
CTX5-3-R
4.70
2.56
3.00
.019
18.82
10.26
1.50
.077
CTX8-3-R
7.78
3.74
2.80
.025
31.10
14.98
1.40
.099
CTX10-3-R
9.60
4.38
2.70
.028
38.40
17.54
1.35
.111
CTX15-3-R
15.00
7.26
2.00
.043
60.00
29.06
1.00
.172
CTX20-3-R
20.18
10.76
1.50
.078
80.74
43.04
.75
.312
CTX25-3-R
24.58
15.64
.98
.086
98.30
62.56
.49
.346
CTX33-3-R
32.86
19.69
.96
.083
131.42
78.77
.48
.331
CTX50-3-R
50.78
27.18
.94
.239
203.14
108.71
.47
.956
CTX68-3-R
67.42
36.53
.80
.277
269.66
146.11
.40
1.109
CTX100-3-R
101.40
52.48
.70
.345
405.60
209.93
.35
1.381
CTX150-3-R
149.78
97.16
.38
.430
599.14
388.63
.19
1.718
CTX200-3-R
198.74
119.18
.39
.619
794.98
476.71
.20
2.475
CTX300-3-R
301.06
157.44
.40
.951
1204.22
629.75
.20
3.083
CTX0.47-4-R
.44
.32
7.00
.004
1.76
1.29
3.50
.016
CTX0.68-4-R
.78
.55
6.00
.005
3.14
2.21
3.00
.020
CTX1-4-R
1.23
.85
5.00
.006
4.90
3.41
2.50
.024
CTX2-4-R
1.76
1.06
4.90
.007
7.06
4.24
2.45
.028
CTX5-4-R
4.90
2.59
4.40
.014
19.60
10.37
2.20
.056
CTX8-4-R
8.28
4.29
3.50
.018
33.12
17.14
1.75
.072
CTX10-4-R
9.60
4.82
3.40
.019
38.42
19.28
1.70
.078
CTX15-4-R
14.16
6.76
3.00
.024
56.64
27.03
1.50
.096
CTX20-4-R
19.60
10.68
2.10
.055
78.40
42.73
1.05
.220
CTX25-4-R
25.92
13.32
2.00
.063
103.68
53.27
1.00
.253
CTX33-4-R
33.12
16.82
1.80
.072
132.50
67.27
.90
.287
CTX50-4-R
50.18
25.03
1.50
.111
200.70
100.11
.75
.443
CTX68-4-R
67.08
35.29
1.20
.157
268.32
141.15
.60
.630
CTX100-4-R
99.23
54.56
.92
.302
396.90
218.25
.46
1.210
CTX150-4-R
148.23
77.17
.82
.372
592.90
308.69
.41
1.488
CTX200-4-R
200.70
111.08
.64
.545
802.82
444.32
.32
2.180
CTX300-4-R
298.12
147.92
.62
.672
1192.46
591.66
.31
2.687
PARALLEL
SERIES
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers



Html Pages

1 2 3 4 5 6 7 8