| 전자부품 데이터시트 검색엔진 |
|
AD976AAR 데이터시트(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD976AAR 데이터시트(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() –16– AD976/AD976A REV. C 28-Lead 300 mil Plastic DIP (N-28B) 28 1 14 15 PIN 1 1.425 (36.195) 1.385 (35.179) 0.280 (7.11) 0.240 (6.10) 0.015 (0.381) MIN 0.210 (5.33) MAX 0.150 (3.81) 0.115 (2.92) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.014 (0.356) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 28-Lead SOIC (R-28) SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° 0.7125 (18.10) 0.6969 (17.70) PIN 1 28 15 14 1 28-Lead SSOP (RS-28) 28 15 14 1 0.407 (10.34) 0.397 (10.08) PIN 1 SEATING PLANE 0.008 (0.203) 0.002 (0.050) 0.07 (1.79) 0.066 (1.67) 0.0256 (0.65) BSC 0.078 (1.98) 0.068 (1.73) 0.015 (0.38) 0.010 (0.25) 0.009 (0.229) 0.005 (0.127) 0.03 (0.762) 0.022 (0.558) 8 ° 0 ° OUTLINE DIMENSIONS Dimensions shown in inches and (mm). |