| 전자부품 데이터시트 검색엔진 |
|
AD9226AST 데이터시트(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9226AST 데이터시트(HTML) 5 Page - Analog Devices |
|
5 / 28 page ![]() REV. B AD9226 –5– CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9226 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ABSOLUTE MAXIMUM RATINGS 1 With Pin Name Respect to Min Max Unit AVDD AVSS –0.3 +6.5 V DRVDD DRVSS –0.3 +6.5 V AVSS DRVSS –0.3 +0.3 V AVDD DRVDD –6.5 +6.5 V REFCOM AVSS –0.3 +0.3 V CLK, MODE AVSS –0.3 AVDD + 0.3 V Digital Outputs DRVSS –0.3 DRVDD + 0.3 V VINA, VINB AVSS –0.3 AVDD + 0.3 V VREF AVSS –0.3 AVDD + 0.3 V SENSE AVSS –0.3 AVDD + 0.3 V CAPB, CAPT AVSS –0.3 AVDD + 0.3 V OEB 2 DRVSS –0.3 DRVDD + 0.3 V CM LEVEL 2 AVSS –0.3 AVDD + 0.3 V VR2 AVSS –0.3 AVDD + 0.3 V Junction Temperature 150 °C Storage Temperature –65 +150 °C Lead Temperature (10 sec) 300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. 2LQFP package. EXPLANATION OF TEST LEVELS Test Level I. 100% production tested. II. 100% production tested at 25 °C and sample tested at specified temperatures. AC testing done on sample basis. III. Sample tested only. IV. Parameter is guaranteed by design and characterization testing. V. Parameter is a typical value only. VI. All devices are 100% production tested at 25 °C; sample tested at temperature extremes. THERMAL RESISTANCE θJC SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23°C/W θJA SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63.3°C/W θ JC LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 °C/W θJA LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76.2°C/W ORDERING GUIDE Model Temperature Range Package Description Package Option AD9226ARS –40 °C to +85°C 28-Lead Shrink Small Outline (SSOP) RS-28 AD9226AST –40 °C to +85°C 48-Lead Thin Plastic Quad Flatpack (LQFP) ST-48 AD9226-EB Evaluation Board (SSOP) AD9226-LQFP-EB Evaluation Board (LQFP) |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |